Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 102 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 102 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 98Page - Lattice Semiconductor ORSPI4 Datasheet HTML 99Page - Lattice Semiconductor ORSPI4 Datasheet HTML 100Page - Lattice Semiconductor ORSPI4 Datasheet HTML 101Page - Lattice Semiconductor ORSPI4 Datasheet HTML 102Page - Lattice Semiconductor ORSPI4 Datasheet HTML 103Page - Lattice Semiconductor ORSPI4 Datasheet HTML 104Page - Lattice Semiconductor ORSPI4 Datasheet HTML 105Page - Lattice Semiconductor ORSPI4 Datasheet HTML 106Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
102
Receive Clocking
The following descriptions and figures show the SPIA core. The SPIB core is identical.
Figure 46. SPI4 RX Clocking
ARDCLK[P,N]: SPI4 line clocks received with data and control. These are external LVDS input pads.
SPIA_RXk_CLK_j: Read clocks to each of the four asynchronous DPRAMs.
ARLSCLK_F: Output clock from receive status logic to FPGA.
SPIA_RXk_PSS_CLK: Write clocks from FPGA to the receive status RAM. The ARLSCLK_F clock can be used to
source this clock as shown by dotted lines in the figure.
ARSCLK[P,N]: LVDS receive status outputs. External pads.
RSCLKA: 3.3 V LVTTL receive status output. External pads.
SPIA RX Status
SPIA RX Core
(Data)
FPGA
SPIA_RXk_CLK_0
SPIA_RXk_CLK_1
SPIA_RXk_CLK_2
SPIA_RXk_CLK_3
ARLSCLK_F
k = 32, 64, or 128
ARDCLKP
ARDCLKN
ARSCLKP
ARSCLKN
RSCLKA
LVTTL Input
LVDS Output
j =0, 1, 2 or 3
SPIA_RXk_PSS_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com