Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 104 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 104 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 100Page - Lattice Semiconductor ORSPI4 Datasheet HTML 101Page - Lattice Semiconductor ORSPI4 Datasheet HTML 102Page - Lattice Semiconductor ORSPI4 Datasheet HTML 103Page - Lattice Semiconductor ORSPI4 Datasheet HTML 104Page - Lattice Semiconductor ORSPI4 Datasheet HTML 105Page - Lattice Semiconductor ORSPI4 Datasheet HTML 106Page - Lattice Semiconductor ORSPI4 Datasheet HTML 107Page - Lattice Semiconductor ORSPI4 Datasheet HTML 108Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
104
The SERDES block contains its own dedicated PLLs for both transmit and receive clock generation. The user pro-
vides a reference clock of the appropriate frequency. The receiver PLLs extract the clock from the serial input data
and retime the data with the recovered clock.
MUX/DEMUX Block
The MUX/DEMUX block converts the data format for the high-speed serial links to a wide, low-speed format for
crossing the CORE/FPGA interface. The intermediate interface to the SERDES macrocell runs at 1/10th the bit
rate of the data lane. The MUX/DEMUX converts the data rate and bus width so the interface to the FPGA core can
run at 1/4th this intermediate frequency, giving a range of 25.0-92.5 MHz for the data rates into and out of the
FPGA logic.
Multi-Channel Alignment FIFOs
The four incoming data channels can be independent of each other, or can be synchronized in several ways. Two
channels within a SERDES block can be aligned together; channels A and B and/or channels C and D. Alterna-
tively, four channels in a SERDES block can be aligned together to form a communication channel with a band-
width of 10 Gbits/s.
Individual channels within an alignment group can be disabled (i.e., powered down) without disrupting other chan-
nels.
XAUI and Fibre Channel Link State Machines
Two separate link state machines are included in the architecture. A XAUI link state machine is included in the
SERDES, modeled after the IEEE 802.3ae standard. A separate state machine for Fibre Channel is also imple-
mented.
FPGA/SERDES Interface
In 8b/10b mode, the FPGA logic will receive/transmit 32-bits of data (up to 92.5 MHz) and four K_CTRL bits from/to
the SERDES. There are eight data streams in each direction plus additional timing, status and control signals.
Data sent to the FPGA can be aligned using comma (/K/) characters or the /A/ character as specified either by
Fibre Channel or by IEEE 802.3ae for XAUI based interfaces. The alignment character is made available to the
FPGA along with the data. The special characters K28.1, K28.5 and K28.7 are treated as valid comma characters
by the SERDES.
If the receive channel alignment FIFOs are bypassed, then each channel will provide its own receive clock in addi-
tion to data and comma character detect signals. If the 8b/10b decoders are bypassed, then 40-bit data streams
are passed to the FPGA logic. No channel alignment can be done in 8b/10b bypass mode.
The following table summarizes the interface signals between the FPGA logic and the core. In the table, an input
refers to a signal flowing into the SERDES and an output refers to a signal flowing out of the SERDES.
Table 26. FPGA/SERDES Interface Description
FPGA/Embedded Core Inter-
face Signal Name
(x = [A, ..,D])
Input (I) to or
Output (O)
from Core
Signal Description
Transmit Path Signals
TWDx[31:0]
FPGA
→ Core Transmit data—channel x.
TCOMMAx[3:0]
FPGA
→ Core Transmit comma character—channel x.
TBIT9x[3:0]
FPGA
→ Core Transmit force negative disparity—channel x
TSYS_CLK_x
FPGA
→ Core Transmit low-speed clock to the FPGA—channel x
TCK78
Core
→FPGA Transmit low-speed clock to the FPGA—SERDES Quad
Receive Path Signals
MRWDx[39:0]
Core
→FPGA Receive data—Channel x (see Table 35).
RWCKx
Core
→FPGA Low-speed receive clock—Channel x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com