Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 108 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 108 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 104Page - Lattice Semiconductor ORSPI4 Datasheet HTML 105Page - Lattice Semiconductor ORSPI4 Datasheet HTML 106Page - Lattice Semiconductor ORSPI4 Datasheet HTML 107Page - Lattice Semiconductor ORSPI4 Datasheet HTML 108Page - Lattice Semiconductor ORSPI4 Datasheet HTML 109Page - Lattice Semiconductor ORSPI4 Datasheet HTML 110Page - Lattice Semiconductor ORSPI4 Datasheet HTML 111Page - Lattice Semiconductor ORSPI4 Datasheet HTML 112Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
108
Figure 49. Basic Logic Blocks, Transmit Path, Single Channel (Typical Reference Clock Frequency)
SERDES/FPGA Logic Interface and 4:1 Multiplexer
These blocks provide the data formatting and transmit data and clock signal transfers between the SERDES and
the FPGA Logic. Control and status registers in the FPGA portion of the chip control the transmit logic and record
status. These bits are passed to the core using the FPGA System Bus and are described in later sections of this
data sheet.
The low-speed transmit interface consists of a clock and 4 data bytes, each with an accompanying control bit. The
data bytes are conveyed to the MUX via the TWDx[31:0] ports (where x represents the channel label [A,B,C or D].
The control bits are TCOMMAx[3:0] which define whether the input byte is to be interpreted as data or as a special
character and TBIT9x[3:0] which are used to force a negative disparity present state. The data and control signals
are synchronized to the transmit clock, TSYS_CLK_x. Both the data and control are strobed into the core on the
rising edge of TSYS_CLK_x. Note that each TBIT9x[3:0] controls the disparity of the encoded version of its corre-
sponding data byte. Setting bit TBIT9C[3] to “1”, for instance, will force the 8b/10b encoder to asserts a current neg-
ative running disparity state. This will cause it to encode TWDC[31:24] positively (more “1”'s than “0”'s). Setting
TBIT9x to 0 will leave the encoder free to alternate between positive and negative encoding to maintain a zero run-
ning disparity.
The MUX is responsible for taking 40 bits of data/control at the low-speed transmit interface and up-converting it to
10 bits of data/control at the SERDES transmit interface. The MUX has two clock domains - one based on the clock
received from the SERDES block and a second that comes from the FPGA at 1/4 the frequency of the SERDES
clock. The time sequence of interleaving data/control values is shown in Figure 50.
÷ 4
FIFO
4:1 MUX
(x9)
PLL
PRBS
Gen.
CML
Buffer
with Pre-
emphasis
10:1
MUX
8B/10B
Encoder
(with
bypass)
Interface and MUX Block
TX SERDES Block
STBD_x[7:0]
STBD_x[8]
STBD_x[9]
STBC311_x
8
8-bit data
K-control
Force-ve disparity
312.5 MHz
HDOUTP_x
HDOUTN_x
REFCLKP
REFCLKN
CML
Buffer
Backplane
Serial
Link
FPGA
Logic
TWDx[31:0]
32
TCOMMAx[3:0]
4
TBIT9x[3:0]
4
TSYS_CLK_x
MUX
TCK78
78.125 MHz
TCKSEL[0:1]
Logic Common to Quad
From other 3
channels
To other 3
channels
From Control
Register
{
Note: x= [A, B, ... D]
156.25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com