Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 111 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 111 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 107Page - Lattice Semiconductor ORSPI4 Datasheet HTML 108Page - Lattice Semiconductor ORSPI4 Datasheet HTML 109Page - Lattice Semiconductor ORSPI4 Datasheet HTML 110Page - Lattice Semiconductor ORSPI4 Datasheet HTML 111Page - Lattice Semiconductor ORSPI4 Datasheet HTML 112Page - Lattice Semiconductor ORSPI4 Datasheet HTML 113Page - Lattice Semiconductor ORSPI4 Datasheet HTML 114Page - Lattice Semiconductor ORSPI4 Datasheet HTML 115Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
111
As shown in Figure 52, the basic blocks in the receive path include:
Receive SERDES Block
• CML input buffer
• Receive PLL
• 1:10 demultiplexer (DEMUX)
• Clock and Data Recovery (CDR) section
• 10b/8b decoder
• 1:4 demultiplexer and SERDES/FPGA interface
• 1:4 DEMUX
• Low speed parallel SERDES/FPGA logic interface
• Multi-channel alignment logic
Figure 52. Basic Logic Blocks, Receive Path, Single Channel (Typical Reference Clock Frequency)
Each channel provides its own received clock, received data and K-character detect signals to the FPGA logic.
Incoming data from multiple channels can be aligned using comma (/K/) characters or /A/ character (as specified
either in Fibre Channel specifications or in IEEE 802.3ae for XAUI based interfaces). If the 8b/10b decoders are
bypassed, then 40-bit data streams are passed to the FPGA logic. No channel alignment can be done in this
8b/10b bypass mode.
REFCLKP
REFCLKN
REFCLK
Buffer
MUX
RCK78
78.125 MHz
RCKSEL[0:1]
Logic Common to Quad
From other 3
channels
To other 3
channels
From Control
Register
{
PLL
PRBS Checker
CML
Buffer
1:10
DEMUX
8B/10B
Encoder
(with
bypass)
HDINP_x
HDIN_x
CDR
Byte
Align
RX SERDES Block
XAUI
State
Machine
1:4
DEMUX
(x 10)
156.25 MHz
FIFO
Multi-
Channel
Alignment
FPGA
Logic
Backplane
Serial
Link
RWCKx
78.125 MHz
Multi-Channel
Alignment Block
78.125 MHz
78.125 MHz Clock
RALIGNx[3:0]
Align Character Detect
4
4
RWBIT8x[3:0]
4 bits k-control
32
RWDx[31:0]
32-bit data
RSYS_CLK_#
78.125 MHz
2:1
MUX
(x40)
MRWDx[39:0]
CV_SELx
4
RWBIT9x[3:0]
40
36
32-bit data
4 bits k-ctrl
Synchronization
Status bits
Fibre Channel State
Machine
SRBD_x[0:9]
DEMUX
Block
SCVx
312.5 MHz
Clocks
10
2
SBYTSYNC_x
SWDSYNC_x
Note: x= [A, ..., B]
x# = [1, 2]
3
FPGA
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com