Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 114 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 114 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 110Page - Lattice Semiconductor ORSPI4 Datasheet HTML 111Page - Lattice Semiconductor ORSPI4 Datasheet HTML 112Page - Lattice Semiconductor ORSPI4 Datasheet HTML 113Page - Lattice Semiconductor ORSPI4 Datasheet HTML 114Page - Lattice Semiconductor ORSPI4 Datasheet HTML 115Page - Lattice Semiconductor ORSPI4 Datasheet HTML 116Page - Lattice Semiconductor ORSPI4 Datasheet HTML 117Page - Lattice Semiconductor ORSPI4 Datasheet HTML 118Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
114
The NOWDALGN_x bit is a level-sensitive bit. If it is a “1”, then the DEMUX does not dynamically alter the word
boundary based on comma and SWDSYNC_x output of the SERDES. This might be useful if a channel were con-
figured to bypass the multi-channel alignment FIFO and raw 40-bits of data are directed from SERDES to FPGA.
In Fibre Channel mode, the default setting (NOWDALGN_x = 0) causes the word boundary to be set as soon as
the SERDES SWDSYNC_x output is a “1” and a comma character has been detected. The character that is the
comma becomes the most-significant portion of the demultiplexed word. When the SERDES loses link synchroni-
zation it will drop SWDSYNC_x low. The DEMUX will begin search for word alignment as soon as SWDSYNC_x
goes to “1” again.
The DEMUX passes on to the channel alignment FIFO block a set of control signals that indicate the location of the
synchronizing event. RALIGN_x[3:0] are these indicators. If there is no link synchronization, all of the
RALIGN_x[[3:0] bits will be zeros independent of synchronizing events that come in. When the link is synchronized,
then the bit that corresponds to the time of the synchronization event will be set to a “1”. The relationship between
a time sequence of values input at SRBDx[7:0] to the values output at RWD_x[39:0] is shown in Figure 54. A paral-
lel relationship exists between SRBDx[8] and RWBIT8_x[3:0] as well as between SRBD_x[9] and RWBIT9_x[3:0].
Figure 54. Receive DEMUX Block for a Single SERDES Channel. (NOTE: xx = A, B, C, or D)
One clock per block of two or four channels, called RCK78, is sent to the FPGA. The control bits RCKSEL[A,B] are
used to select the channel that is the source for these clocks.
Link State Machines
Two link state machines are included in each SERDES channel; one for XAUI applications and a second for Fibre
Channel applications.
The Fibre Channel link state machine is responsible for establishing a valid link between the transmitter and the
receiver and for maintaining link synchronization. The machine is initially in the loss of synchronization (LOS) state
upon power-on reset. This is indicated by WDSYNC_x = 0. While in this state, the machine looks for a particular
number of consecutive idle ordered sets without any invalid data transmission in between before declaring syn-
chronization achieved. Achievement of synchronization is indicated by asserting WDSYNC_x = “1”. Specifically, the
machine looks for three continuous idle ordered sets without any misaligned comma character or any running dis-
parity based code violation in between. In the event of any such code violation, the machine would reset itself to the
pppp
pppp
SRBDxx[9:0]
10-bit
40-bit
RWD_XX[31:24]
RWD_XX[23:16]
RWD_XX[15:8]
RWD_XX[7:0]
LATENCY = 4 RSYS_CLK [A1,...,B2] CLOCKS
t
7-0
t
8
t
9
q
7-0
q
8
q
9
x
7-0
x
8
x
9
r
7-0
r
8
r
9
y
7-0
y
8
y
9
s
7-0
s
8
s
9
z
7-0
z
8
z
9
RWBIT8_XX[3]
RWBIT9_XX[3]
RWBIT8_XX[2]
RWBIT8_XX[1]
RWBIT8_XX[0]
RWBIT9_XX[2]
RWBIT9_XX[1]
RWBIT9_XX[0]
p
7-0
p
8
p
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com