Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 116 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 116 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 112Page - Lattice Semiconductor ORSPI4 Datasheet HTML 113Page - Lattice Semiconductor ORSPI4 Datasheet HTML 114Page - Lattice Semiconductor ORSPI4 Datasheet HTML 115Page - Lattice Semiconductor ORSPI4 Datasheet HTML 116Page - Lattice Semiconductor ORSPI4 Datasheet HTML 117Page - Lattice Semiconductor ORSPI4 Datasheet HTML 118Page - Lattice Semiconductor ORSPI4 Datasheet HTML 119Page - Lattice Semiconductor ORSPI4 Datasheet HTML 120Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
116
This state machine is modeled after draft IEEE 802.3ae, version 2.1 but will also operate properly with version 4.1
implementations. Table 29 and Table 30 describe the state variables used in Figure 56.
Note that it takes four idle ordered sets (ex: k28.5, Dx.y, Dx.y, Dx.y) to bring the state machine from a loss-of-sync
to a sync_acq’d_1 state. Instead, when back-to-back commas are used, it takes a total of five commas to achieve
the same result as with idle ordered sets.
Table 29. XAUI Link Synchronization State Diagram Notation—Variables
Table 30. XAUI Link Synchronization State Diagram—Functions
Variable
Description
sync_status
FAIL: Lane is not synchronized (correct 10-bit alignment has not been established).
OK: Lane is synchronized.
OK_NOC: Lane is synchronized but a comma character has not been detected in the past 200 code-groups.
enable_CDET
TRUE: Align subsequent 10-bit words to the boundary indicated by the next received comma.
FALSE: Maintain current 10-bit alignment.
gd_cg
Current number of consecutive cg_good indications.
Function
Description
sync_complete
Indication that alignment code-group alignment has been established at the boundary indicated by the
most recently received comma.
cg_comma
Indication that a valid code-group, with correct running disparity, containing a comma has been received.
cg_good
Indication that a valid code-group with the correct running disparity has been received.
cg_bad
Indication that an invalid code-group has been received.
no_comma
Indication that comma timer has expired. The timer is initialized upon receipt of a comma.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com