Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 119 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 119 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 115Page - Lattice Semiconductor ORSPI4 Datasheet HTML 116Page - Lattice Semiconductor ORSPI4 Datasheet HTML 117Page - Lattice Semiconductor ORSPI4 Datasheet HTML 118Page - Lattice Semiconductor ORSPI4 Datasheet HTML 119Page - Lattice Semiconductor ORSPI4 Datasheet HTML 120Page - Lattice Semiconductor ORSPI4 Datasheet HTML 121Page - Lattice Semiconductor ORSPI4 Datasheet HTML 122Page - Lattice Semiconductor ORSPI4 Datasheet HTML 123Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
119
These are derived from the recovered low-speed complementary clocks from the SERDES blocks. RWCK_A
belongs to Channel A, RWCK_B belongs to channel B and so on. With a reference clock input of 156.25 MHz,
these clocks operate at 78.125 MHz.
RCK78:
These are muxed outputs of RWCKA[A:D] and RWCKB[B:D] respectively. With a reference clock input of 156.25
MHz, these clocks operate at 78.125 MHz.
RSYS_CLK_[1:2]
These clocks are inputs to the SERDES. These are used by each channel as the read clock to read received data
from the alignment FIFO within the SERDES. To guarantee that there is no overflow in the alignment FIFO, it is an
absolute requirement that the write and read clocks be frequency locked to 0 ppm. Examples of how to achieve this
are shown in the section on recommended board-level clocking.
TCK78:
This is a muxed output from the core to the FPGA across the core-FPGA interface of one of the four transmit SER-
DES clocks operating at up to 92.5 MHz in the SERDES.
TSYS_CLK[A:D]:
These clocks are inputs to the SERDES from the FPGA. These are used by each channel to control the timing of
the Transmit Data Path. To guarantee correct transmit operation, these clocks must be frequency locked within 0
ppm to TCK78.
List of Operating Modes SERDES
Transmit and Receive Clock Rates
Table 31 shows typical relationship between the data rates, the reference clock, the transmit TCK78 clock and the
receive RCK78 clock. The selection of full-rate or half-rate for a given reference clock speed is set by bits in the
transmit and receive control registers, and can be set on a per-channel basis.
Table 31. Transmit Data and Clock Rates
Mixing Half-rate, Full-rate Modes
When channel alignment is enabled, all receive channels within an alignment group should be configured at the
same rate. For example, channels A and B, can be configured for twin alignment and full-rate mode, while channels
C and D can be configured for half-rate mode. In quad alignment mode, all four channels must be configured in
either half or full-rate mode. Register settings for multi-channel alignment are described in a later section.
Besides taking in a TSYS_CLK_x from the FPGA logic for each channel, the transmit path logic sends back a clock
of the same frequency, but arbitrary phase. This clock, TCK78, is derived from the MUX block of one of the 2 chan-
nels in its SERDES block. The MUX blocks provide the potential source for TCK78 by a divide-by-4 of the SERDES
STBC311xs clock used in synchronizing the transmit data words in the STBC311x clock domain. The STBC311x
clocks are internal to the core and are not brought across the core/FPGA interface
Data Rate
Reference Clock
TCK78[A: B] and
RCK78[A:B] Clocks
Rate of Channel
Selected as Clock
Source
0.6 Gbits/s
60 MHz
15 MHz
Half
1.0 Gbits/s
100 MHz
25 MHz
Half
1.25 Gbits/s
125 MHz
31.25 MHz
Half
2.0 Gbits/s
100 MHz
50 MHz
Full
2.5 Gbits/s
125 MHz
62.5 MHz
Full
3.125 Gbits/s
156 MHz
78 MHz
Full
3.7 Gbits/s
185 MHz
92.5 MHz
Full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com