Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 118 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 118 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 114Page - Lattice Semiconductor ORSPI4 Datasheet HTML 115Page - Lattice Semiconductor ORSPI4 Datasheet HTML 116Page - Lattice Semiconductor ORSPI4 Datasheet HTML 117Page - Lattice Semiconductor ORSPI4 Datasheet HTML 118Page - Lattice Semiconductor ORSPI4 Datasheet HTML 119Page - Lattice Semiconductor ORSPI4 Datasheet HTML 120Page - Lattice Semiconductor ORSPI4 Datasheet HTML 121Page - Lattice Semiconductor ORSPI4 Datasheet HTML 122Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
118
nents in the DC to 5 MHz range should be minimized. The required electrical characteristics for the reference clock
are given in Table 71.
Note: In sections of this data sheet, the differential clocks are simply referred to as the reference clock as REFCLK.
Synthesized and Recovered Clocks
The SERDES block contains its own dedicated PLLs for transmit and receive clock generation. The user provides a
reference clock of the appropriate frequency, as described in the previous section. The transmitter PLL uses the
REFCLK inputs to synthesize the internal high-speed serial bit clocks. The receiver PLLs extract the clock from the
serial input data and retime the data with the recovered clock. The receive PLL for each channel has two modes of
operation - lock to reference and lock to data with retiming.
When no data or invalid data is present on the HDINP_x and HDINN_x pins, the receive VCO will not lock to data
and its frequency can drift outside of the nominal ±350 ppm range. Under this condition, the receive PLL will lock to
REFCLK for a fixed time interval and then will attempt to lock to receive data. The process of attempting to lock to
data, then locking to clock will repeat until valid input data exists. There is also a control register bit per channel to
force the receive PLL to always lock to the reference clock.
The high-speed transmit and receive serial data links can run at 0.6 to 3.7 Gbits/s, depending on the frequency of
the reference clock and the state of the control bits from the internal transmit control register. The interface to the
serializer/deserializer block runs at 1/10th the bit rate of the data lane. Additionally, the MUX/DEMUX logic converts
the data rate and bit-width so the FPGA core can run at 1/4th this frequency, which gives a range of 15 to 92.5 MHz
for the data in and out of the FPGA.
Internal Clock Signals at the FPGA/Core SERDES Interface
There are several clock signals defined at the FPGA/SERDES interface in addition to the external reference clock.
All of the SERDES clock signals are shown in Figure 57 and are described following the paragraphs.
Figure 57. SERDES Clock Signals (High-Speed Serial I/O Also Shown)
REFCLKP, REFCLKN:
These are the differential reference clocks provided to the ORSPI4 device as described earlier. They are used as
the reference clock for both TX and RX paths. For operation of the serial links at 3.125 Gbits/s, the reference clocks
will be at a frequency of 156.25 MHz.
RWCK[A:D]:
These are the low-speed receive clocks from the SERDES to the FPGA across the core-FPGA interface.
Common Logic
Channel A
Channel B
Channel D
Channel C
RCK78
TCK78
RSYS_CLK_1
TSYS_CLK_A
RWCKA
RWCKB
TSYS_CLK_B
RWCKC
TSYS_CLK_C
RSYS_CLK_2
TSYS_CLK_D
RWCKD
REFCLK[P:N]
2
HDIN[P:N]
2
HDOUT[P:N]
HDIN[P:N]
2
HDOUT[P:N]
HDOUT[P:N]
2
HDIN[P:N]
2
HDOUT[P:N]
2
HDIN[P:N]
2
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com