Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 122 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 122 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 118Page - Lattice Semiconductor ORSPI4 Datasheet HTML 119Page - Lattice Semiconductor ORSPI4 Datasheet HTML 120Page - Lattice Semiconductor ORSPI4 Datasheet HTML 121Page - Lattice Semiconductor ORSPI4 Datasheet HTML 122Page - Lattice Semiconductor ORSPI4 Datasheet HTML 123Page - Lattice Semiconductor ORSPI4 Datasheet HTML 124Page - Lattice Semiconductor ORSPI4 Datasheet HTML 125Page - Lattice Semiconductor ORSPI4 Datasheet HTML 126Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
122
Figure 60. Receive Clocking for a Single Quad
Figure 61. Receive Clocking for Mixed Line Rates
Multichannel Alignment
The alignment FIFO allows the transfer of all data to the system clock. The Multi-Channel Alignment block (Figure
52) allows the system to be configured to allow the frame alignment of multiple, slightly varying, data streams. This
optional alignment ensures that matching SERDES streams will arrive at the FPGA in perfect data synchronization.
Each channel is provided with a 24 word x 36-bit FIFO. The FIFO can perform two tasks: (1) to change the clock
domain from receive clock to a clock on the FPGA side, and (2) to align the receive data over 2, 4, or 8 channels.
This FIFO allows a timing budget of +/- 230.4 ns that can be allocated to skew between the data lanes and for
transfer to the system clock. The input to the FIFO consists of 36-bits of demultiplexed data, RALIGN_x[3:0],
RWD_x[31:0], and RWBIT8_x[3:0].
The four RALIGN_x bits are control signals, and can be the alignment character detect signals, indicating the pres-
ence of a comma character in Fibre Channel mode and the /A/ character in XAUI mode. The other 32 RWD_x bits
are the 8-bit data bytes from the 8b/10b decoder. The alignment character, if present, is the MSB of the data. The
Common Logic
Channel A
Channel B
Channel D
Channel C
REFCLK[P:N]
2
156.25 MHz
RCK78
RWCKA
RWCKC
RSYS_CLK_1
RSYS_CLK_2
FPGA
Logic
Four Channels of
3.125 Gbits/s
Incoming Serial Data
78.125 MHz
RWCKB
RWCKD
All Recovered
Clocks at
78.125 MHZ
Common Logic
Channel A
Channel B
Channel D
Channel C
REFCLK[P:N]
2
100 MHz
RCK78
RWCKA
RWCKC
RSYS_CLK_1
RSYS_CLK_2
FPGA
Logic
Two Channels of
2.0 Gbits/s (Full-Rate)
Incoming Serial Data
25 MHz
RWCKB
RWCKD
Recovered
Clocks at
25 MHZ
or 50 MHz
Recovered
Clocks at
50 MHZ
Two Channels of
1.0 Gbits/s (Half-Rate)
Incoming Serial Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com