Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 124 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 124 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 120Page - Lattice Semiconductor ORSPI4 Datasheet HTML 121Page - Lattice Semiconductor ORSPI4 Datasheet HTML 122Page - Lattice Semiconductor ORSPI4 Datasheet HTML 123Page - Lattice Semiconductor ORSPI4 Datasheet HTML 124Page - Lattice Semiconductor ORSPI4 Datasheet HTML 125Page - Lattice Semiconductor ORSPI4 Datasheet HTML 126Page - Lattice Semiconductor ORSPI4 Datasheet HTML 127Page - Lattice Semiconductor ORSPI4 Datasheet HTML 128Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
124
Figure 64. Deskew Lanes by Aligning /A/ Columns
SERDES/FPGA Interface
This block provides the data formatting and receive data and clock signal transfers between the SERDES and the
FPGA Logic. There are also control and status registers in the FPGA portion of the chip, which contain bits to con-
trol the receive logic and to record status. These are described in later sections of this Data Sheet and communi-
cate with the core using the System Bus.
The demultiplexed, receive word outputs to the FPGA are shown in Figure 52. These are each 40 bits wide. There
are four of these interfaces, one for each SERDES channel. Each consist of four groups of 10-bit data or four
groups of decoded information depending on setting of 8b10bR_x control register bits.
Each 10-bit group of decoded information includes 8 bits of data and a one-bit K_CTRL indicator derived from the
received data, and a tenth bit of status information. The function of the tenth bit varies from group to group and
includes code violation, out of synchronization (OOS) indicators and the CH248_SYNC_x status bit.
CH248_SYNC_x indicates the status of multi-channel alignment of channel x and is high when the count for the
multi-channel alignment block reaches zero, regardless of whether or not multi-channel alignment is successful.
The mapping of the 10-bit groups to the MRWD_x[39:0] bits output to the FPGA logic is summarized in Table 34
and Table 35. The various functions of the bits that vary from channel to channel, i.e., bits 29 and 19, are also
described in Table 35.
Table 34. Definition of Bits of MRWDx[39:0]
Bit Index
8b10bR=0
8b10bR=1
NOCHALGN[A:B]=1
CV_SELx=0
NOCHALGN[A:B]=1
CV_SELx=1
NOCHALGN[A:B]=0
CV_SELx=1
39
bit 9 of 10-bit data 3
CV_A3, code violation, byte 3
CH24_SYNCx
38
bit 8 of 10-bit data 3
K_CTRL for byte 3
K_CTRL for byte 3
37
bit 7 of 10-bit data 3
bit 7 of byte3
bit 7 of byte3
36
bit 6 of 10-bit data 3
bit 6 of byte 3
bit 6 of byte 3
35
bit 5 of 10-bit data 3
bit 5 of byte 3
bit 5 of byte 3
34
bit 4 of 10-bit data 3
bit 4 of byte 3
bit 4 of byte 3
33
bit 3 of 10-bit data 3
bit 3 of byte 3
bit 3 of byte 3
32
bit 2 of 10-bit data 3
bit 2 of byte 3
bit 2 of byte 3
31
bit 1 of 10-bit data 3
bit 1 of byte 3
bit 1 of byte 3
30
bit 0 of 10-bit data 3
bit 0 of byte 3
bit 0 of byte 3
29
bit 9 of 10-bit data 2
CV_A2, code violation, byte 2
See
Table 35
28
bit 8 of 10-bit data 2
K_CTRL for byte 2
K_CTRL for byte 2
27
bit 7 of 10-bit data 2
bit 7 of byte 2
bit 7 of byte 2
26
bit 6 of 10-bit data 2
bit 6 of byte 2
bit 6 of byte 2
LANE 0
K
RR
K
R
K
R
K
K
R
K
RR
K
A
LANE 1
K
RR
K
R
K
R
K
K
R
K
RR
K
A
LANE 2
K
RR
K
R
K
R
K
K
R
K
RR
K
A
LANE 3
K
RR
K
R
K
R
K
K
R
K
RR
K
A
LANE 0
K
RR
K
R
K
R
K
K
R
K
RR
K
A
LANE 1
K
RR
K
R
K
R
K
K
R
K
RR
K
A
LANE 2
K
RR
K
R
K
R
K
K
R
K
RR
K
A
LANE 3
K
RR
K
R
K
R
K
K
R
K
RR
K
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com