Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 127 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 127 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 123Page - Lattice Semiconductor ORSPI4 Datasheet HTML 124Page - Lattice Semiconductor ORSPI4 Datasheet HTML 125Page - Lattice Semiconductor ORSPI4 Datasheet HTML 126Page - Lattice Semiconductor ORSPI4 Datasheet HTML 127Page - Lattice Semiconductor ORSPI4 Datasheet HTML 128Page - Lattice Semiconductor ORSPI4 Datasheet HTML 129Page - Lattice Semiconductor ORSPI4 Datasheet HTML 130Page - Lattice Semiconductor ORSPI4 Datasheet HTML 131Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
127
For receive quad alignment, RSYS_CLK_1 and RSYS_CLK_2 can be tied together as shown in Figure 66.
Figure 66. Clocking for a Quad Receive Clocking for a Dual Alignment in a Single Quad
Multi-channel Alignment Configuration
Register settings for multi-channel alignment are shown in Table 36.
Table 36. Multi-Channel Alignment Modes
To align all 4 channels:
• FMPU_SYNMODE_[A:D] = 01
• FMPU_SYNMODE_B[A:D] = 11
To align two channels:
• FMPU_SYNMODE_[A:B] = 10 for channel A and B
• FMPU_SYNMODE_[C:D] = 10 for channel C and D
To enable/disable synchronization signal of individual channel within a multi-channel alignment group:
• FMPU_STR_EN_x = “1” enabled
• FMPU_STR_EN_x = “0” disabled where x is one of [A:D].
To resynchronize a multi-channel alignment group set the following bit to zero, and then set it to one:
• FMPU_RESYNC4 for quad [A:D]
• FMPU_RESYNC2_1 for twin channel [A:B]
Register Bits
FMPU_SYNCMODE_xx[0:1]
Mode
00
No multi-channel alignment
10
Twin channel alignment
01
Quad channel alignment
Common Logic
Channel A
Channel B
Channel D
Channel C
REFCLK[P:N]
2
156.25 MHz
RCK78
RWCKA
RWCKC
RSYS_CLK_1
RSYS_CLK_2
FPGA
Logic
Four Bidirectional Channels
of 3.125 Gbits/s
Serial Data
RWCKB
RWCKD
All Clocks at
78.125 MHZ
TCK78
TSYS_CLK_A
TSYS_CLK_B
TSYS_CLK_C
TSYS_CLK_D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com