Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 131 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 131 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 127Page - Lattice Semiconductor ORSPI4 Datasheet HTML 128Page - Lattice Semiconductor ORSPI4 Datasheet HTML 129Page - Lattice Semiconductor ORSPI4 Datasheet HTML 130Page - Lattice Semiconductor ORSPI4 Datasheet HTML 131Page - Lattice Semiconductor ORSPI4 Datasheet HTML 132Page - Lattice Semiconductor ORSPI4 Datasheet HTML 133Page - Lattice Semiconductor ORSPI4 Datasheet HTML 134Page - Lattice Semiconductor ORSPI4 Datasheet HTML 135Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
131
SERDES Receive Interface in Channel Bypass Mode
Figure 69. Data: MRWD[A:D][39:0]
Clock: RWCK[A:D]
Test Modes
In addition to the operational logic described in the preceding sections, the SERDES contains logic to support var-
ious test modes - both for device validation and evaluation and for operating system level tests. The following sec-
tions discuss two of the test support logic blocks, supporting various loopback modes, in addition to SERDES
characterization pins.
Loopback Testing
Loopback testing is performed by looping back (either internal to the SERDES, by configuring the FPGA logic or by
external connections) transmitted data to the corresponding receiver inputs, or received data to the transmitter out-
put. The loopback path may be either serial or parallel.
In general, loopback tests can be classified as “near end” or “far end”. In “near end” loopback (Figure 70(a)), data is
generated and checked locally, i.e. by logic on, or connection of, test equipment to the same card as the FPSC. In
“far end” loopback (Figure 70(b)), the generating and checking functions are performed remotely, either by test
equipment or a remote system card.
D
2.5 / 0.7 ns
FPGA
Embedded Core
1.4/ 0.4 ns
Q
Total prop = 3.4 / 0.85 ns
NOTE: Delays represent average max/min values, not absolute values
÷4
RCK78[A:D]
C RWCK[A:D]
RECOVERED
311MHz
_SERDES_CLK
Delay
Delay
Delay
Actual delay values are used by
ispLEVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com