Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 133 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 133 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 129Page - Lattice Semiconductor ORSPI4 Datasheet HTML 130Page - Lattice Semiconductor ORSPI4 Datasheet HTML 131Page - Lattice Semiconductor ORSPI4 Datasheet HTML 132Page - Lattice Semiconductor ORSPI4 Datasheet HTML 133Page - Lattice Semiconductor ORSPI4 Datasheet HTML 134Page - Lattice Semiconductor ORSPI4 Datasheet HTML 135Page - Lattice Semiconductor ORSPI4 Datasheet HTML 136Page - Lattice Semiconductor ORSPI4 Datasheet HTML 137Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
133
Table 37. High-Speed Serial Loopback Configuration Bit Definitions for the SERDES
Parallel Loopback at the SERDES Boundary
In this parallel loopback, differential data are received at the HDINP_x and HDINN_x pins and are retransmitted at
the HDOUTP_x and HDOUTN_x pins. The loopback path is at the interface between the SERDES blocks and the
MUX and DEMUX blocks and uses the parallel 10-bit buses at these interfaces (see Figure 70b). The loopback
connection is made such that the input signals to the TX SERDES block is the same as the output signals from the
RX SERDES block. In this parallel loopback mode, the MRWDx[39:0] signal lines remain active and the
TWDx[31:0], TCOMMAx[3:0] and TBIT9x[3:0] signal lines are not used. This mode is normally used for tests where
serial test data is received from and transmitted to either test equipment or via a serial backplane to a remote card
and is the basic loopback path shown earlier in Figure 70(b). The data rate selection bits TXHR and RXHR in the
channel configuration registers must be configured to carry the same value. Also, the 8b/10b encoder and decoder
are excluded from the loopback path by setting the 8b10bT and 8b10bR configuration bits to “0”. Table 38 illus-
trates the control interface register configuration for the parallel loopback.
Table 38. Parallel Loopback at the SERDES Boundary Configuration Bit Definitions for the SERDES
SERDES Characterization Test Mode
The SERDES characterization mode is a test mode that allows for direct control and observation of the transmit
and receive SERDES interfaces at chip ports. With these modes the SERDES logic and I/O can be tested one
channel at a time in either the receive or transmit modes.
The SERDES test mode requires that the SERDES block be selected instead of the SPIB block during the Module
Generation phase of the ORSPI4 in
ispLEVER. In addition, the TESTMD[1:0]N signals need to be set to “0” during
SERDES characterization.
Register
Address
Bit Value
Bit Name
Comments
30002, 30012,
30022, 30032
Bit 0 = 0 or 1
TXHR
Set to “0” or “1”.
TXHR and RXHR bits must be set to the same value.
Bit 7 = 0 or 1
8B10BT
Set to “0” or “1”. If set to “0”, the 8b/10b encoder is excluded from
the loopback path. The 8b/10b encoder and decoder selection con-
trol bits must both be set to the same value.
30801
Bit 0 = 1 (Channel A)
Bit 1 = 1 (Channel B)
Bit 2 = 1 (Channel C)
Bit 3 = 1 (Channel D)
LOOPENB_xx
Set any of the bits 0-3 to “1” to do serial loopback on the corre-
sponding channel.* The high-speed serial outputs will not be active.
*This test mode can also be set using TESTEN_xx in place of LOOPENB_xx. In that case, Test Mode must be set to 00000.
Register
Address (Hex)
Bit Value
Bit Name
Comments
30002, 30012,
30022, 30032
Bit 0 = 0 or 1
TXHR
Set to “0” or “1”. TXHR and RXHR bits must be set to the same
value.
Bit 7 = 0
8b10bT
Set to “0” The 8b/10b encoder is excluded from the loopback path.
The 8b/10b encoder and decoder selection control bits must both be
set to “0”.
30003, 30013,
30023, 30033
Bit 0 = 0 or 1
RXHR
Set to “0” or “1”. TXHR and RXHR bits must be set to the same
value.
Bit 3 = 0
8b10bR
Set to “0”. The 8b/10b decoder is excluded from the loopback path.
The 8b/10b encoder and decoder selection control bits must both be
set to “0”.
30005
Bit 7 = 1
GTESTEN
SET to “1” if the loopback is done globally on all four channels.
30006, 30016,
30026, 30036
Bits[4:0]
Testmode
Set to 00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com