Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 132 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 132 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 128Page - Lattice Semiconductor ORSPI4 Datasheet HTML 129Page - Lattice Semiconductor ORSPI4 Datasheet HTML 130Page - Lattice Semiconductor ORSPI4 Datasheet HTML 131Page - Lattice Semiconductor ORSPI4 Datasheet HTML 132Page - Lattice Semiconductor ORSPI4 Datasheet HTML 133Page - Lattice Semiconductor ORSPI4 Datasheet HTML 134Page - Lattice Semiconductor ORSPI4 Datasheet HTML 135Page - Lattice Semiconductor ORSPI4 Datasheet HTML 136Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
132
Figure 70. “Near End” vs. “Far End” Loopback. (NOTE: xx = A, B, C, or D)
The loopback mode can also be characterized by the physical location of the loopback connection. There are two
possible loopback modes supported by the SERDES logic:
• High-speed serial loopback at the CML buffer interface (near end)
• Parallel loopback at the SERDES boundary (far end)
These two loopback modes are described in more detail in the following sections. As noted earlier, other special-
ized loopback modes can be obtained by configuration of the FPGA logic or by connections external to the FPSC.
High-Speed Serial Loopback at the CML Buffer Interface
The high-speed serial loopback mode has the serial transmit signals looped back internally to the serial receive cir-
cuitry. The internal loopback path is from the input connection to the transmit CML buffer to the output connection
from the receive CML buffer. The data are sourced on the TWDx[31:0], TCOMMAx[3:0] and TBIT9x[3:0] signal lines
and received on the MRWDx[39:0] signal lines. The serial loopback path does not include the high-speed input and
output buffers. If TESTEN_x is set, the HDOUTP_x and HDOUTN_x outputs are active in this mode while the CML
input buffers are powered down. The device is otherwise in its normal mode of operation. This mode is normally
used for tests where the data source and destination are on the same card and is the basic loopback path shown in
Table 37.
The data rate selection bits, TXHR and RXHR, in the channel configuration registers must be configured to carry
the same value. Table 37 summarize the settings of the control interface register configuration bits for high-speed
serial loopback.
Device Under Test (DUT)
CML
Buffer
CML
Buffer
HDIN[P:N]_xx
2
Non-Functional
Embedded Core
FPGA Logic
40
MRWDxx[39:0]
32
4
4
Receive
Transmit
TWDxx[31:0]
TCOMMAxx[3:0]
TBIT9xx[3:0]
HDOUT[P:N]_xx
2
Data
Checking
Data
Generation
n
m
Active
(to Eye Diagram
Measurement or
remote System
Card)
Test Equipment
or Logic on Local
System Card
(a) “Near End” Loopback
High Speed
Serial Loopback
Connection
Device Under Test (DUT)
Data
Generation
Data
Checking
2
2
HDIN[P:N]_xx
HDOUT[P:N]_xx
n
m
Non-Functional
Active
(to Logic on
Local System
Card)
(b) “Far End” Loopback
FPGA Logic
40
MRWDxx[39:0]
Receive
4
4
Transmit
TWDxx[31:0]
TCOMMAxx[3:0]
TBIT9xx[3:0]
32
DE
MUX
8B/10B SERDES
CML
Buffer
8B/10B
CML
Buffer
SERDES Block
Parallel
Loopback
Connection
SERDES
Embedded Core
Test Equipment
or Logic Remote
System Card



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com