Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 129 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 129 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 125Page - Lattice Semiconductor ORSPI4 Datasheet HTML 126Page - Lattice Semiconductor ORSPI4 Datasheet HTML 127Page - Lattice Semiconductor ORSPI4 Datasheet HTML 128Page - Lattice Semiconductor ORSPI4 Datasheet HTML 129Page - Lattice Semiconductor ORSPI4 Datasheet HTML 130Page - Lattice Semiconductor ORSPI4 Datasheet HTML 131Page - Lattice Semiconductor ORSPI4 Datasheet HTML 132Page - Lattice Semiconductor ORSPI4 Datasheet HTML 133Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
129
Clocking Schemes and Timing Diagrams- SERDES
Figure 67 shows a timing diagram for the transmit section of the SERDES interface. Setup and Hold numbers at
the interface are also show.
Similar timing diagrams are also shown for the receive SERDES interface section in both channel alignment mode
(Figure 68), and channel bypass mode (Figure 69).
SERDES Align Mode Interface
Figure 67. Data: TBIT9[A:D][3:0], TCOMMA[A:D][3:0], TWD[A:D][31:0]
Clock: TSYS_CLK[A:D]
Q
3.5/0.5 ns
1.5/0.5 ns
D
2.5 / 1.3 ns
FPGA
Embedded Core
C
1.1/ 0.18 ns
D
Delay
÷ 4
SERDES_CLK
311 MHZ
78 MHz
TCK78
3.0ns
Setup = 1.5 ns
Hold = - 0.8 ns
Delay
NOTE: Delays represent average max/min values, not absolute values
Actual delay values are used by
ispLEVER
Clock Buffer Delay
Relative to Data
FPGA
Clock
Tree



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com