Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 126 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 126 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 122Page - Lattice Semiconductor ORSPI4 Datasheet HTML 123Page - Lattice Semiconductor ORSPI4 Datasheet HTML 124Page - Lattice Semiconductor ORSPI4 Datasheet HTML 125Page - Lattice Semiconductor ORSPI4 Datasheet HTML 126Page - Lattice Semiconductor ORSPI4 Datasheet HTML 127Page - Lattice Semiconductor ORSPI4 Datasheet HTML 128Page - Lattice Semiconductor ORSPI4 Datasheet HTML 129Page - Lattice Semiconductor ORSPI4 Datasheet HTML 130Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
126
(LOS) state in the word alignment state machines. Since these signals come from the DEMUX block, if multi-chan-
nel alignment is enabled, the code violation signals correspond to data that must still be multi-channel aligned.
Hence these signals provide advance notification of detected violations in data that will appear at the core/FPGA
interface several clock cycles later. The exact number of clock cycles that the data is delayed depends on the skew
between the incoming data for the different channels.
Multi-Channel Alignment Clocking Strategies for the ORSPI4
The data on the four channels SERDES can be independent of each other or can be synchronized in several ways.
For example, two channels within the SERDES can be aligned together; channel A and B and/or channel C and D.
Alternatively, all four channels in a SERDES quad can be aligned together to form a communication channel with a
bandwidth of 10 Gbits/s. Individual channels within an alignment group can be disabled (i.e., powered down) with-
out disrupting other channels. Clocking strategies for these various modes are described in the following para-
graphs.
For dual alignment, both twins within a quad can be sourced by clocks that are different from the other channels,
however each pair of SERDES must have the same clock. The channel pair A and B is driven on the low-speed
side by RSYS_CLK_1 and the channel pair C and D are driven on the low-speed side by RSYS_CLK_2. Either
RWCKA or RWCAB can be connected to RSYS_CLK_1, and either RWCKC or RWCKD can be connected to
RSYS_CLK_2. A clocking example for dual alignment is shown in Figure 65.
Figure 65. Receive Clocking for a Dual Alignment in a Single Quad
Common Logic
Channel A
Channel B
Channel D
Channel C
REFCLK[P:N]
2
156.25 MHz
RCK78
RWCKA
RWCKC
RSYS_CLK_1
RSYS_CLK_2
FPGA
Logic
Two Bidirectional Channels
of 3.125 Gbits/s
Serial Data
RWCKB
RWCKD
All Clocks at
78.125 MHZ
TCK78
TSYS_CLK_A
TSYS_CLK_B
TSYS_CLK_C
TSYS_CLK_D
Two Bidirectional Channels
of 3.125 Gbits/s
Serial Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com