Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 128 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 128 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 124Page - Lattice Semiconductor ORSPI4 Datasheet HTML 125Page - Lattice Semiconductor ORSPI4 Datasheet HTML 126Page - Lattice Semiconductor ORSPI4 Datasheet HTML 127Page - Lattice Semiconductor ORSPI4 Datasheet HTML 128Page - Lattice Semiconductor ORSPI4 Datasheet HTML 129Page - Lattice Semiconductor ORSPI4 Datasheet HTML 130Page - Lattice Semiconductor ORSPI4 Datasheet HTML 131Page - Lattice Semiconductor ORSPI4 Datasheet HTML 132Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
128
• FMPU_RESYNC2_2 for twin channel [C:D]
To resynchronize an independent channel (resetting the write and the read pointer of the FIFO) set the following
bit to zero, and then set it to one:
• FMPU_RESYNC1_x
SERDES Multi-Channel Alignment Sequence
1.
Follow steps 1 and 2 in the start up sequence described in a later section.
2.
Initiate a SERDES software reset by setting the SWRST bit to “1” and then to “0”. Note that, any changes to the
SERDES configuration bits should be followed by a software reset.
3.
Wait for 3 ms. REFCLK should be toggling by this time. During this time, configure the following registers.
Set the following bit in register 30820
– XAUI_MODE_x - set to “1” for XAUI mode or keep the default value of 0 if the Fibre Channel state machine
was selected.
– Enable channel alignment by setting FMPU_SYNMODE bits in registers 30811
– FMPU_SYNMODE_x. Set to appropriate values for 2, or 4 alignment based on Table 36.
– Set RCLKSEL and TCKSEL bits in registers 30821.
– RCKSEL - Choose clock source for 78 MHz RCK78 (Table 33).
– TCKSEL - Choose clock source for 78 MHz TCK78 (Table 32). Send data on serial links.
Monitor the following status/alarm bits:
– Monitor the following alarm bits in registers 30000, 30010, 30020, 30030,.
– LKI-PLL_x lock indicator. A “1” indicates that PLL has achieved lock.
Monitor the following status bits in registers 30804:
– XAUISTAT_x - In XAUI mode, they should be 10.
– Monitor the following status bits in registers 30805
– DEMUXWAS_x - They should be “1” indicating word alignment is achieved.
– CH248_SYNCx - They should be “1” indicating channel alignment. This is cleared by resync.
4.
Write a “1” to the appropriate resync register 30820. Note that this assumes that the previous value of the
resync bits are “0”. The resync operation requires a rising edge. Two writes are required to the resync bits: write
a “0” and then write a “1”. It is highly recommended to precede a resync with a word alignment, especially in sit-
uations where a disturbance in the receive SERDES path can cause misalignment of data and OOS indica-
tions without bringing the FC/XAUI state machine to a loss of sync state. A word alignment is achieved by
writing a “0” and then a “1” to the appropriate DOWDALIGNx bits in registers 30810.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com