Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 125 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 125 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 121Page - Lattice Semiconductor ORSPI4 Datasheet HTML 122Page - Lattice Semiconductor ORSPI4 Datasheet HTML 123Page - Lattice Semiconductor ORSPI4 Datasheet HTML 124Page - Lattice Semiconductor ORSPI4 Datasheet HTML 125Page - Lattice Semiconductor ORSPI4 Datasheet HTML 126Page - Lattice Semiconductor ORSPI4 Datasheet HTML 127Page - Lattice Semiconductor ORSPI4 Datasheet HTML 128Page - Lattice Semiconductor ORSPI4 Datasheet HTML 129Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
125
Table 35. Definition of the Status Bits of MRWDx that Vary for Different Channels
The code violation signals will only be valid if the corresponding CV_SELx = “1”. (If 8b10bR=0, CV_SEL should
also be zero. The CV_x_OR signals are obtained by ORing four code violation signals from the 1:4 DEMUX block.
These are primarily indicators of received signal quality, since a single code violation will not force a loss of sync
25
bit 5 of 10-bit data 2
bit 5 of byte 2
bit 5 of byte 2
24
bit 4 of 10-bit data 2
bit 4 of byte 2
bit 4 of byte 2
23
bit 3 of 10-bit data 2
bit 3 of byte 2
bit 3 of byte 2
22
bit 2 of 10-bit data 2
bit 2 of byte 2
bit 2 of byte 2
21
bit 1of 10-bit data 2
bit 1 of byte 2
bit 1 of byte 2
20
bit 0 of 10-bit data 2
bit 0 of byte 2
bit 0 of byte 2
19
bit 9 of 10-bit data 1
CV_A1, code violation, byte 1
See
Table 35
18
bit 8 of 10-bit data 1
K_CTRL for byte 1
K_CTRL for byte 1
17
bit 7 of 10-bit data 1
bit 7 of byte 1
bit 7 of byte 1
16
bit 6 of 10-bit data 1
bit 6 of byte 1
bit 6 of byte 1
15
bit 5 of 10-bit data 1
bit 5 of byte 1
bit 5 of byte 1
14
bit 4 of 10-bit data 1
bit 4 of byte 1
bit 4 of byte 1
13
bit 3 of 10-bit data 1
bit 3 of byte 1
bit 3 of byte 1
12
bit 2 of 10-bit data 1
bit 2 of byte 1
bit 2 of byte 1
11
bit 1 of 10-bit data 1
bit 1 of byte 1
bit 1 of byte 1
10
bit 0 of 10-bit data 1
bit 0 of byte 1
bit 0 of byte 1
09
bit 9 of 10-bit data 0
CV_A0, code violation, byte 1
VL (connected to ground)
08
bit 8 of 10-bit data 0
K_CTRL for byte 0
K_CTRL for byte 0
07
bit 7 of 10-bit data 0
bit 7 of byte 0
bit 7 of byte 0
06
bit 6 of 10-bit data 0
bit 6 of byte 0
bit 6 of byte 0
05
bit 5 of 10-bit data 0
bit 5 of byte 0
bit 5 of byte 0
04
bit 4 of 10-bit data 0
bit 4 of byte 0
bit 4 of byte 0
03
bit 3 of 10-bit data 0
bit 3 of byte 0
bit 3 of byte 0
02
bit 2 of 10-bit data 0
bit 2 of byte 0
bit 2 of byte 0
01
bit 1 of 10-bit data 0
bit 1 of byte 0
bit 1 of byte 0
00
bit 0 of 10-bit data 0
bit 0 of byte 0
bit 0 of byte 0
Channel
Index
Bit Index
Name
Description
all
39
CH24_SYNCx
Multi-channel alignment attempt complete if 1
A
29
CV_A_OR
Code violation in one or more of the received 10-bit groups for channel A
A
19
SYNC2_1_OOS
Dual channel synchronization of channels A and B not successful if 1
B
29
CV_B_OR
Code violation in one or more of the received 10-bit groups for channel B
B
19
SYNC4_OOS
Quad channel synchronization of SERDES not successful if 1
C
29
CV_C_OR
Code violation in one or more of the received 10-bit groups for channel C
C
19
SYNC2_2_OOS
Dual channel synchronization of channels C and D not successful if 1
D
29
CV_AD_OR
Code violation in one or more of the received 10-bit groups for channel D
Bit Index
8b10bR=0
8b10bR=1
NOCHALGN[A:B]=1
CV_SELx=0
NOCHALGN[A:B]=1
CV_SELx=1
NOCHALGN[A:B]=0
CV_SELx=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com