Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 121 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 121 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 117Page - Lattice Semiconductor ORSPI4 Datasheet HTML 118Page - Lattice Semiconductor ORSPI4 Datasheet HTML 119Page - Lattice Semiconductor ORSPI4 Datasheet HTML 120Page - Lattice Semiconductor ORSPI4 Datasheet HTML 121Page - Lattice Semiconductor ORSPI4 Datasheet HTML 122Page - Lattice Semiconductor ORSPI4 Datasheet HTML 123Page - Lattice Semiconductor ORSPI4 Datasheet HTML 124Page - Lattice Semiconductor ORSPI4 Datasheet HTML 125Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
121
Figure 59. Mixed Rate Transmit Clocking for a Single Block
Receive Clock Source Selection and Recommended Clock Distribution
In the receive path, one clock per bank of four channels, called RCK78, is sent to the FPGA logic. The control reg-
ister bits RCKSEL[0:1] are used to select the clock source for these clocks. The selection of the source for RCK78
is controlled by these bits as shown in Table 33.
Table 33. RCK78 Source Selection
In the receive channel alignment bypass mode, the data and recovered clocks for the four channels are indepen-
dent. The data for each channel are synchronized to the recovered clock from that channel.
RCKSEL0
RCKSEL1
Clock Source
0
0
Channel A
1
0
Channel B
0
1
Channel C
1
1
Channel C
Common Logic
Channel A
Channel B
Channel D
Channel C
REFCLK[P:N]
2
100 MHz
TCK78
TSYS_CLK_A
TSYS_CLK_C
TSYS_CLK_B
TSYS_CLK_D
FPGA
Logic
Two Channels of
2.0 Gbits/s (Full-Rate)
Outgoing Serial Data
Channel A Selected as
Clock Source
50 MHz
÷ 2
25 MHz
Two Channels of
1.0 Gbits/s (Half-Rate)
Outgoing Serial Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com