Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 120 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 120 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 116Page - Lattice Semiconductor ORSPI4 Datasheet HTML 117Page - Lattice Semiconductor ORSPI4 Datasheet HTML 118Page - Lattice Semiconductor ORSPI4 Datasheet HTML 119Page - Lattice Semiconductor ORSPI4 Datasheet HTML 120Page - Lattice Semiconductor ORSPI4 Datasheet HTML 121Page - Lattice Semiconductor ORSPI4 Datasheet HTML 122Page - Lattice Semiconductor ORSPI4 Datasheet HTML 123Page - Lattice Semiconductor ORSPI4 Datasheet HTML 124Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
120
The receiver section receives high-speed serial data at its differential CML input port and sends it in to the Clock
and Data Recovery (CDR) block. The CDR block then generates a recovered clock (RWCKx) and retimes the data.
Thus, the recovered receive clocks are asynchronous between channels.
Transmit Clock Source Selection
The TCKSEL[A:B] bit select the source channel of TCK78. The selection of the source for TCK78 is controlled by
this bit as shown in Table 32.
Table 32. TCK78 Source Selection
Recommended Transmit Clock Distribution for the ORSPI4
As an example of the recommended clock distribution approach, TSYS_CLK_[A:D] can be sourced by TCK78 as
shown in Figure 58 if the transmit line rate are common for all four channels in a quad.
Figure 58. Transmit Clocking for a Single Block
If the transmit line rate is mixed between half and full rate among the channels, then the scheme shown in Figure
59 can be used. The figure shows TSYS_CLK_A and TSYS_CLK_B being sourced by TCK78 and TSYS_CLK_C
and TSYS_CLK_D being sourced by TCK78/2 (the division is done in FPGA logic). Similar clocking would be used
for Quad B.
TCKSEL0
TCKSEL1
Clock Source
0
0
Channel A
1
0
Channel B
0
1
Channel C
1
1
Channel C
Common Logic
Channel A
Channel B
Channel D
Channel C
REFCLK[P:N]
2
156.25 MHz
TCK78
TSYS_CLK_A
TSYS_CLK_C
TSYS_CLK_B
TSYS_CLK_D
FPGA
Logic
All Clocks at
78.125 MHz
Four Channels of
3.125 Gbits/s
Outgoing Serial Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com