Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 135 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 135 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 131Page - Lattice Semiconductor ORSPI4 Datasheet HTML 132Page - Lattice Semiconductor ORSPI4 Datasheet HTML 133Page - Lattice Semiconductor ORSPI4 Datasheet HTML 134Page - Lattice Semiconductor ORSPI4 Datasheet HTML 135Page - Lattice Semiconductor ORSPI4 Datasheet HTML 136Page - Lattice Semiconductor ORSPI4 Datasheet HTML 137Page - Lattice Semiconductor ORSPI4 Datasheet HTML 138Page - Lattice Semiconductor ORSPI4 Datasheet HTML 139Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
135
Memory Controller Functional Description
The ORSPI4 device includes a Memory Controller interface to an external second generation Quad Data Rate
(QDRII) memory. This is provided for additional data buffering beyond the embedded DPRAMs. In this case, the
embedded DPRAMs are used as clock-crossing domain FIFOs. The key requirement for this memory interface is
the support of a throughput of greater than 20 Gbits/s so that all the data received on the SPI4 interface at 10
Gbits/s can be buffered. A QDRII SRAM supports this throughput with 32 unidirectional data lines. A 36-bit inter-
face is provided to allow for parity or control bits to be added.
The controller block provides the ability to access an external QDRII SRAM through the FPGA. A set of 72 input
data and 72 output data signals are available across the core-FPGA interface. Of the 72 signals, eight can be used
either for parity or for data. The core passes the data transparently to and from the QDRII SRAM in two-word or
four-word bursts. The data interfaces to memory are 36 bits wide and the address bus is 18 bits wide. This supports
the interfaces required for a 512K x 36 bit (18 Mbit) QDRII SRAM.
The basic blocks of the Memory Controller are:
• FIFOs for Write Data and Instructions
• FIFOs for Read Data and Instructions
• Read and Write Controllers (including FIFO and memory interface state machines)
• Address Multiplexer (MUX)
• Write Data DEMUX and Read Data Capture/MUX Blocks
A logical block diagram of the Memory Controller is shown in Figure 71. Details of the individual blocks are outlined
in the following sections. The blocks are described in sequence for a write from the FPGA and a subsequent read
to the FPGA.
Figure 71. ORSPI4 QDRII Memory Controller Block Diagram.
Write Data
FIFO
Read Data
FIFO
Read Instruction
FIFO
Write Instruction
FIFO
Full
Full
Full
Empty
74
32
32
72
Write
Controller
Read
Controller
Address
Mux
Write Data
Demux
Read Data
Mux/
Capture
72
72
36
36
18
18
18
Read Clock
Write Clock
Empty
RE
Empty
RE
Empty
RE
WE
Full
FPGA
Logic
QDRII
SDRAM
Clock
Select
#1
PLL
COUT = CIN * N/M
Clock Select
#2
MCREFCLK
ATREFCLK
BTREFCLK
COUT = CIN / 2
Write Enable
Read Enable
Enable
Enable
WE
WE
WE
RE
74
32
32
PMIC
W#
R#
Q
CQ
SA
D
K
F_MC_REFCLK
MC_SYSCLK
F_MC_WD
MC_WDFIFO_FULL
F_MC_WDFIFO_WE
F_MC_WCLK
F_MC_WI
MC_WIFIFO_FULL
F_MC_WIFIFO_WE
F_MC_RI
MC_RIFIFO_FULL
F_MC_RIFIFO_WE
F_MC_RCLK
MC_RD
MC_RDFIFO_EMPTY
F_MC_RDFIFO_RE
PMIQ
PMIA
PMIWN
PMIK
PMIRN
PMID
FPGA_RESET_MC
ORSPI4 QDR II Core
ORSPI4
Device
External
Memory
2
RST
RST
RST
RST
RST
RST
RST
RST
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com