Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 136 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 136 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 132Page - Lattice Semiconductor ORSPI4 Datasheet HTML 133Page - Lattice Semiconductor ORSPI4 Datasheet HTML 134Page - Lattice Semiconductor ORSPI4 Datasheet HTML 135Page - Lattice Semiconductor ORSPI4 Datasheet HTML 136Page - Lattice Semiconductor ORSPI4 Datasheet HTML 137Page - Lattice Semiconductor ORSPI4 Datasheet HTML 138Page - Lattice Semiconductor ORSPI4 Datasheet HTML 139Page - Lattice Semiconductor ORSPI4 Datasheet HTML 140Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
136
FPGA/Memory Controller Core Interface Description
Table 42 lists the signals at the FPGA/Core interface for the Memory Controller block.
Table 42. FPGA/Embedded Core Signals
Memory Controller - Detailed Description
Write Data and Instruction FIFOs
The Write Data FIFO (WDFIFO) stores data written into it by logic in the FPGA. The configuration is 64 by 74 bits.
Read/write pointers and fill-level logic is included. The FIFOs also function as an asynchronous clock domain
boundary between the FPGA generated write clock and the Memory Controller (MC) system clock (MC_SYSCLK).
Writes from the FPGA that are asynchronous to the memory clock (K, K#) are allowed. It is also possible to run the
FIFO in synchronous mode by looping back the 1x clock via the FPGA to the FIFO write clock (MC_WCLK).
A set of 72 data signals is available across the core-FPGA interface. Of the 72, eight signals can be either used for
parity or data. The core, however, passes the data transparently to the QDRII SRAM. Data length is specified in
terms of FIFO lines. If data length is > 64 FIFO lines, then the user must segment the data.
The Write Instruction FIFO (WIFIFO) is configured 4 by 32 bits respectively, in order to store up to 4 instructions
that are written to the MC by logic in the FPGA. The instruction fields are ID (data/address coherency), data length
(number of cache lines) and address (for QDR memory). Write instruction and data word formats are shown in Fig-
ure 72.
Signal
Direction
From /To
Description
QDRII SRAM Read/Write Control
F_MC_WD[73:0]
FPGA
→ Core Write data to Memory Controller Write Data FIFO
F_MC_WI[31:0]
FPGA
→ Core Write instruction to Memory Controller Read Instruction FIFO
MC_RD[71:0]
Core
→ FPGA Read data from Memory Controller Read Data FIFO
F_MC_RI[31:0]
FPGA
→ Core Read instruction to Memory Controller Write Instruction FIFO
MC_WDFIFO_FULL
Core
→ FPGA
Full flag from MC Write data FIFO. Full threshold is set by the
MC_FULL_THRESHOLD register bits.
MC_WIFIFO_FULL
Core
→ FPGA
Full flag from MC Write instruction FIFO. MC_WIFIFO_FULL high indicates
that only one more instruction can be written to the instruction FIFO.
MC_RDFIFO_EMPTY
Core
→ FPGA
Empty flag from MC Read data FIFO. Empty threshold is set by the
MC_EMPTY_THRESHOLD register bits.
MC_RIFIFO_FULL
Core
→ FPGA
Full flag from MC Read instruction FIFO. MC_RDFIFO_FULL HIGH indicates
that only one more instruction can be written to the instruction FIFO.
F_FMC_WDFIFO_WE
FPGA
→ Core Write enable to Write Data FIFO
F_FMC_WIFIFO_WE
FPGA
→ Core Write enable to Write Instruction FIFO
F_FMC_RDFIFO_RE
FPGA
→ Core Read enable to Read data FIFO
F_FMC_RIFIFO_WE
FPGA
→ Core Write enable to Read Instruction FIFO
F_MC_WCLK
FPGA
→ Core Memory Controller Write clock
F_MC_RCLK
FPGA
→ Core Memory Controller Read clock
MC_SYSCLK
Core
→ FPGA Internal system clock for the Memory Controller i/f
F_MC_REFCLK
FPGA
→ Core Memory Controller Reference clock
FPGA_RESET_MC
FPGA
→ Core Memory Controller Asynchronous Soft Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com