Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 134 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 134 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 130Page - Lattice Semiconductor ORSPI4 Datasheet HTML 131Page - Lattice Semiconductor ORSPI4 Datasheet HTML 132Page - Lattice Semiconductor ORSPI4 Datasheet HTML 133Page - Lattice Semiconductor ORSPI4 Datasheet HTML 134Page - Lattice Semiconductor ORSPI4 Datasheet HTML 135Page - Lattice Semiconductor ORSPI4 Datasheet HTML 136Page - Lattice Semiconductor ORSPI4 Datasheet HTML 137Page - Lattice Semiconductor ORSPI4 Datasheet HTML 138Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
134
The SERDES characterization test mode is configured by setting bits in the control registers via the system bus.
The transmit characterization test mode is entered when SCHAR_ENA= “1” (address 30830, bit 4) and
SCHAR_TXSEL= “1” (address 30830, bit 5). Entering this mode will cause chip port inputs to directly control the
SERDES low-speed transmit ports of one of the channels as shown in Table 39.
Table 39. SERDES Transmit Characterization Mode
The x in the table represents a single channel in the SERDES QUAD, selected by the SCHAR_CHAN control bits
(address 30830, bits 6 and 7). The decoding of SCHAR_CHAN is shown in Table 40.
Table 40. Decoding of SCHAR_CHAN
The receive characterization test mode is entered as long as TESTMD[1:0]N = 00. In this mode, one of the chan-
nels of SERDES outputs is observed at chip ports as shown in Table 41. The channel that is observed is also
based on the decoding of SCHAR_CHAN as shown in Table 40. The receive characterization pins can be observed
independently, whether the transmit characterization pins are enabled or not.
Table 41. SERDES Receive Characterization Mode
Required Inputs
Inputs Used During Mode
TESTMD[1:0]N=00,
SCHAR_EN=1,
SCHAR_TXSEL=1
TBCx (transmit)
← PMIA15
LDIN9x
← PMIA14
LDIN8x
← PMIA13
LDIN7x
← PMIA11
LDIN6x
← PMIA9
LDIN5x
← PMAI8
LDIN4x
← PMIA7
LDIN3x
← PMIA6
LDIN2x
← PMIA5
LDIN1x
← PMIA4
LDIN0x
← PMIA2
SCHAR_CHAN0
SCHAR_CHAN1
Channel
00
A
10
B
01
C
11
D
Required Inputs
Outputs Used During Mode
TESTMD[1:0]N=00
TBC311
→ PMID20
CV
→ PMID21
BYTSYNC
→ PMID22
WDSYNC
→ PMID23
RBCO
→ PMID24
RBC1
→ PMID25
LDOUT9
→ PMID26
LDOUT8
→ PMID 27
LDOUT7
→ PMID28
LDOUT6
→ PMID29
LDOUT5
→ PMID30
LDOUT4
→ PMID31
LDOUT3
→ PMID32
LDOUT2
→ PMID33
LDOUT1
→ PMID34
LDOUT0
→ PMID35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com