Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 138 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 138 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 134Page - Lattice Semiconductor ORSPI4 Datasheet HTML 135Page - Lattice Semiconductor ORSPI4 Datasheet HTML 136Page - Lattice Semiconductor ORSPI4 Datasheet HTML 137Page - Lattice Semiconductor ORSPI4 Datasheet HTML 138Page - Lattice Semiconductor ORSPI4 Datasheet HTML 139Page - Lattice Semiconductor ORSPI4 Datasheet HTML 140Page - Lattice Semiconductor ORSPI4 Datasheet HTML 141Page - Lattice Semiconductor ORSPI4 Datasheet HTML 142Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
138
instruction word is provided in terms of FIFO lines. Data length for data associated with A0 is shown to be 32 lines.
The maximum burst length is set by the depth of the data FIFO which is 64 FIFO lines.
Data is presented as 9 bytes in every MC_WCLK cycle. A new data word always begins at bit position 71 and has
a unique 2-bit ID. The transition from one ID value to another indicates the start of a new data burst as shown in
Figure 72. For each burst, the values of the ID fields in the data word and the instruction word are compared.
The write controller first waits for the empty flag from the instruction FIFO to be deasserted and processes the first
pending instruction. The core reads the instruction word first. Based on the data length, the core starts to read the
appropriate amount of data from the data FIFO. The address and data length are passed to the write controller
state machine. After the last data word has been read from the data FIFO, the core increments the instruction FIFO
address to the next pending instruction.
The 2-bit ID field in each data word is compared to the 2-bit ID field in the processed instruction to maintain
data/instruction coherency. If the ID fields in the data and instruction words do not match, an error is sent to a soft-
ware register bit. It is the responsibility of the FPGA to provide the exact amount of data specified in the data length
field of the instruction word.
A programmable FIFO full flag (MC_WDFIFO_FULL) is available to the FPGA for the data FIFO. The FIFO flag
threshold is set by the 4-bit software register field MC_FULL_THRESHOLD. If the MC_WDFIFO_FULL flag is pro-
grammed to indicate a truly full condition, the FPGA logic must assure that the FIFO does not overrun and that an
instruction word is written in parallel with the final data word of a sequence.
Address Multiplexer (MUX)
Address information to the QDRII SRAM is multiplexed between the write port and the read port. This is possible
since data is always transferred in two-word or four-word bursts (word is 36-bits). Logic in the SRAM supplies the
address least significant bits for the two-word burst case and the lower two LSbs in the case of four-word bursts. It
is however, necessary to make sure read and write addresses do not contend for the address bus. This function is
performed by the Address MUX logic based on signals from the Memory Read Controller (MRC) and Memory
Write Controller (MWC).
Figure 74 and Figure 75 show the timing of signals at the QDRII SRAM interface for two-word and four-word reads
and writes. The burst size is selectable through the field MC_BURST_MODE in the configuration registers
30B03[0]. Write data is sent on the first rising edge of the positive clock signal (K), after the write address is pro-
vided. Read data is returned on the second rising edge of K, after the read address is provided. If a sequence of
read and write addresses is sent, both read data and write data are available simultaneously. It is this feature that
gives the QDRII SRAM its high throughput.
Note: Except for one address signal, there is no requirement that PMIA address signals be connected to a particu-
lar address input on the QDRII SRAM, since writes and reads share the one and only address bus. The only excep-
tion is PMIA17, which is only used in 2-word mode, and thus must be connected to the corresponding QDRII
SRAM address input that is only present on the 2-word device (if 2-word/4-word compatibility is to be maintained).
Flexibility in assigning these signals can be useful in optimizing the layout of this bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com