Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 112 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 112 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 108Page - Lattice Semiconductor ORSPI4 Datasheet HTML 109Page - Lattice Semiconductor ORSPI4 Datasheet HTML 110Page - Lattice Semiconductor ORSPI4 Datasheet HTML 111Page - Lattice Semiconductor ORSPI4 Datasheet HTML 112Page - Lattice Semiconductor ORSPI4 Datasheet HTML 113Page - Lattice Semiconductor ORSPI4 Datasheet HTML 114Page - Lattice Semiconductor ORSPI4 Datasheet HTML 115Page - Lattice Semiconductor ORSPI4 Datasheet HTML 116Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
112
Synchronization
The ORSPI4 SERDES RX logic performs four levels of synchronization on the incoming serial data stream. Each
level builds upon the previous, providing first bit, then byte (character), then channel (32-bit word), and finally multi-
channel alignment.
Bit alignment is the task of the Clock/Data Recovery (CDR) block. This block utilizes a PLL that locks to the transi-
tions in the incoming high-speed serial data stream, and outputs the extracted clock as well as the data. If the PLL
is unable to lock to the serial data stream, it instead locks to REFCLK to stabilize the Voltage-Controlled Oscillator
(VCO), and periodically switches back to the serial data stream to again attempt synchronization. This process
continues until a valid input data stream is detected and lock is achieved. The CDR can maintain lock on data as
long as the input data stream contains an adequate data “eye” (i.e., jitter is within specification) and the maximum
data stream run length is not exceeded.
Byte alignment occurs once valid bit alignment is achieved. The byte aligner looks for a particular 7-bit sequence
(either 0011111 or its complement, 1100000) that, has been 8b/10b encoded per Fibre Channel or IEEE
802.3.2002 specifications, only occurs in the comma (/K/) characters K28.1, K28.5 and K28.7. Byte alignment only
occurs when the ENBYSYNC_x signal for that channel is active high, and re-alignment occurs on each 7-bit
sequence encountered. However, if ENBYSYNC_x is asserted active high and no comma character is encoun-
tered, and then is brought inactive low, the channel will still perform one byte alignment operation on the next
comma character. Byte alignment occurs immediately when an alignment sequence is detected, so the lock time is
only one clock period.
Word (32-bit) alignment can occur after the Fibre Channel (XAUI_MODE_x = “0”) or XAUI (XAUI_MODE_x = “1”)
state machine has reached the in-synchronization state. In Fibre Channel mode, synchronization (WDSYNC_x =
“1”) will occur after three ordered sets of data have been received in the absence of any code violations. After this,
the next ordered set will cause the output data to be aligned such that the comma character is in the most signifi-
cant byte. Thus, 32-bit word alignment has been achieved when four ordered sets have been detected. The time
required is directly dependent on comma-character density.
Once word alignment is accomplished, no further alignment occurs unless and until WDSYNC_x goes to zero and
back to one again. Comma characters that are not located in the most significant byte position will not trigger fur-
ther re-alignment while WDSYNC_x is active. This behavior is as defined by the Fibre Channel specification. How-
ever, it means that, if the channel experiences an abrupt delay change (as could occur if an external mux performs
protection switch between two links) and if the delay change is close enough to a full character or characters that
not enough code violations are generated to cause loss of WDSYNC_x, the channel could become misaligned and
remain that way indefinitely. As mentioned above, this behavior is that defined by the Fibre Channel specification.
In XAUI mode, as the state diagram later in this data sheet indicates, three error-free code-groups containing com-
mas must be detected before synchronization is declared.
Multi (2 or 4) channel alignment (Lane alignment in XAUI mode) can be performed after 32-bit word alignment is
complete. Multi-channel alignment is described in later sections of this data sheet.
Receive CML Input Buffer and SERDES
The receiver section receives high-speed serial data at its differential CML input port. The receive input is an AC
coupled input. The received data is sent to the clock recovery section which generates a recovered clock and
retimes the data. Valid data will be received after the receive PLL has locked to the input data frequency and phase.
The received serial data is converted to a 10-bit wide parallel data by the 1:10 demultiplexer. Clock recovery is per-
formed by the SERDES block for each of the eight receive channels. This recovered data is then aligned to a 10-bit
word boundary by detecting and aligning to a comma special character. Word alignment is done for either polarity
of the comma character. The 10-bit code word is passed to the 8b/10b decoder, which provides an 8-bit byte of
data, a special character indicator bit and a SBYTSYNC_x signal (where again x is a placeholder for A,...,D). Data
from a SERDES channel is sent to the DEMUX block in 10-bit raw form or 8-bit decoded form. Accompanying this
data are the comma-character indicator (SBYTSYNC_x), link-state indicator (SWDSYNC_x), clocks (SRBC0_x,
and SRBC1_x), and code-violation indicator (SCVx). The two internal clocks operated at twice the reference clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com