Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 109 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 109 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 105Page - Lattice Semiconductor ORSPI4 Datasheet HTML 106Page - Lattice Semiconductor ORSPI4 Datasheet HTML 107Page - Lattice Semiconductor ORSPI4 Datasheet HTML 108Page - Lattice Semiconductor ORSPI4 Datasheet HTML 109Page - Lattice Semiconductor ORSPI4 Datasheet HTML 110Page - Lattice Semiconductor ORSPI4 Datasheet HTML 111Page - Lattice Semiconductor ORSPI4 Datasheet HTML 112Page - Lattice Semiconductor ORSPI4 Datasheet HTML 113Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
109
Figure 50. TRANSMIT MUX Block Timing - Single Channel. (NOTE: xx = A, B, C, or D)
SERDES Block
The SERDES block accepts either 8-bit data to be encoded or 10-bit unencoded data at the parallel input port from
the MUX/DEMUX block. It also accepts the reference clock at the REFCLK input and uses this clock to synthesize
the internal high-speed serial bit clock.
The internal STBC311x clock is derived from the reference clock. The frequency of this clock depends on the set-
ting of the half-rate/full-rate control bit setting the mode of the SERDES and the frequency of the REFCLK and/or
that of the high-speed serial data. A falling edge on the STBC311x clock port will cause a new data character to be
transferred into the SERDES block. The latency from the SERDES block input to the high-speed serial output is five
STBC311x clock cycles, as shown in Figure 51.
Figure 51. Transmit Path Timing - Single SERDES Channel (NOTE: xx = A, B, C, or D)
Each block also sends a clock to the FPGA logic. This clock, TCK78[A,B], is sourced from one of the four MUX
blocks and has the same frequency as TSYS_CLK_x, but arbitrary phase. Within each MUX block, the low fre-
quency clock output is obtained by dividing by four, the SERDES STBC311x clock, which is used internally to syn-
chronize the transmit data words. TCKSEL control bits select the channel to source TCK78. The internal signals
STBDx[9:0] (where x is represents A, B, C or D) from the MUX block carry unencoded character data and control
bits. The 10th bit (STBDx[9]) of each data lane into the SERDES is used to force a negative disparity present state.
p
q
r
s
t
xyz
STBDxx[9:0]
LATENCY = 4 TSYS_CLK_xx CLOCKS
TWDxx[31:24],
TSYS_CLK_xx
10-bit wide data
TWDxx[23:16],
TWDxx[15:8],
TCOMMAxx[3]
TCOMMAxx[2]
TCOMMAxx[1]
TCOMMAxx[0]
TWDxx[7:0],
TBIT9xx[0]
TBIT9xx[1]
TBIT9xx[2]
TBIT9xx[3]
p7-0 p8
p9
t7-0 t8
t9
q7-0 q8
q9
x7-0 x8
x9
r7-0 r8
r9
y7-0 y8
y9
s7-0 s8
s9
z7-0 z8
z9
pq
r
s
t
x
y
z
STBDxx[9:0]
STBC311xx
HDOUT_xx
p
4
p
5
p
6
p
7
p
8
p
9
p
0
p
1
p
2
p
3
LATENCY =
5 STBC311x CLOCKS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com