Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 113 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 113 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 109Page - Lattice Semiconductor ORSPI4 Datasheet HTML 110Page - Lattice Semiconductor ORSPI4 Datasheet HTML 111Page - Lattice Semiconductor ORSPI4 Datasheet HTML 112Page - Lattice Semiconductor ORSPI4 Datasheet HTML 113Page - Lattice Semiconductor ORSPI4 Datasheet HTML 114Page - Lattice Semiconductor ORSPI4 Datasheet HTML 115Page - Lattice Semiconductor ORSPI4 Datasheet HTML 116Page - Lattice Semiconductor ORSPI4 Datasheet HTML 117Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
113
frequency. With the 8b10bR_x control bit of the SERDES channel set to “1”, the data presented at SRBD_x[9:0] will
be decoded characters. Bit 8 will indicate whether SRBDx[7:0] represents an ordinary data character (bit 8 = 0), or
whether SRBD_x[7:0] represents a special character, like a comma. Bit 9 may be either a code violation indicator
or one of seven out of synchronization state indicators, as described later.
Figure 53. Receive Path Timing for a Single SERDES Channel. (NOTE: xx = A, B, C, or D)
When 8b10bR is set to “0”, the data at SRBD_x[9:0] will not be decoded. The XAUI link-state machine should not
be used in this mode of operation. When in XAUI mode, the MUX/DEMUX looks for /A/ (as defined in IEEE 802.3ae
v.2.1) characters for channel alignment and requires the characters to be in decoded form for this to work
1:4 Demultiplexer (DEMUX)
The 1:4 DEMUX has to accumulate four sets of characters presented to it at the SERDES receive interface and put
these out at one time at the low-speed receive interface.
Another task of the 1:4 DEMUX is to recognize the synchronizing event and adjust the 4-byte boundary so that the
synchronizing character leads off a new 4-byte word. In Fibre Channel mode, this synchronizing character is a
comma. This feature will be referred to as DEMUX word alignment in other areas of this document. DEMUX word
alignment will only occur when the communication channel is synchronized. When there is no synchronization of
the link, the 1:4 DEMUX will continue to output 4-byte words at some arbitrary, but constant, boundary. There are 2
control register bits available for each channel for word alignment. They are DOWDALGN_x and NOWDALGN_x.
The DOWDALGN_x bit is positive edge triggered. Writing a 0 followed by a “1” to this register bit will cause the cor-
responding DEMUX to look for a new comma character and align the 32-bit word such that the comma is in the
most significant byte position. It is important that the comma is in the most significant byte position since the multi-
channel aligner looks for comma in the most significant byte only.
Typically, it is not necessary to set the DOWDALGN_x bit. When the link state machine loses synchronization
(DEMUXWAS_x register bit is 0), the DEMUX block automatically looks for a new comma character irrespective of
whether the DOWDALGN_x bit is set or not. However, as discussed earlier, the comma character may become
misaligned without the Fibre Channel link state machine indicating a loss of synchronization. In such cases, the
DOWDALGN_x bit must be toggled to force resynchronization.
EMBEDDED CORE
.....
..... PQ R S T X Y Z
SRBDX[9:0]
.....
.....
SRBC0X
SRBC1X
.....
SBYTSYNCX,
SVCX
SWDSYNCX
q
0
r
8
r
9
s
0
p
4
p
5
p
6
p
7
p
8
p
9
.....
p
0
p
1
p
2
p
3
r
2
r
3
r
4
r
5
r
6
r
7
s
1
s
2
s
3
s
4
P
HDINx
SRBDX[9:0]
1-bit
10-bit
.....
.....
LATENCY =
APPROX 23 CLOCKS
.....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com