Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 216 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 216 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 212Page - Lattice Semiconductor ORSPI4 Datasheet HTML 213Page - Lattice Semiconductor ORSPI4 Datasheet HTML 214Page - Lattice Semiconductor ORSPI4 Datasheet HTML 215Page - Lattice Semiconductor ORSPI4 Datasheet HTML 216Page - Lattice Semiconductor ORSPI4 Datasheet HTML 217Page - Lattice Semiconductor ORSPI4 Datasheet HTML 218Page - Lattice Semiconductor ORSPI4 Datasheet HTML 219Page - Lattice Semiconductor ORSPI4 Datasheet HTML 220Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
216
K29
-
-
O
RSTAT0A
-
-
E34
-
-
O
RSCLKA
-
-
E33
-
-
I/O
PMIA17
-
-
D34
-
-
I/O
PMIA16
-
-
K28
-
-
I/O
PMIA15
-
-
D33
-
-
I/O
PMIA14
-
-
G29
-
-
I/O
PMIA13
-
-
C33
-
-
I/O
PMIA12
-
-
K27
-
-
I/O
PMIA11
-
-
E32
-
-
I/O
PMIA10
-
-
D32
-
-
I/O
PMIA9
-
-
C32
-
-
I/O
PMIA8
-
-
G28
-
-
I/O
PMIWN
-
-
B32
-
-
I/O
PMIRN
-
-
J29
-
-
I/O
PMIA7
-
-
C31
-
-
VREF
REFI_1
-
-
J28
-
-
I/O
PMIA6
-
-
D31
-
-
I/O
PMIA5
-
-
J27
-
-
I/O
PMIA4
-
-
F30
-
-
I/O
PMIA3
-
-
H27
-
-
I/O
PMIA2
-
-
E31
-
-
I/O
PMIA1
-
-
H28
-
-
I/O
PMIA0
-
-
F31
-
-
I
EXT_1K
-
-
F29
-
-
I/O
PMID35
-
-
E30
-
-
I/O
PMID34
-
-
F28
-
-
I/O
PMID33
-
-
D30
-
-
I/O
PMID32
-
-
E27
-
-
I/O
PMID31
-
-
C30
-
-
I/O
PMID30
-
-
F27
-
-
I/O
PMID29
-
-
B31
-
-
I/O
PMID28
-
-
G27
-
-
I/O
PMID27
-
-
A31
-
-
I/O
PMID26
-
-
E26
-
-
I/O
PMID25
-
-
B30
-
-
I/O
PMID24
-
-
F26
-
-
I/O
PMID23
-
-
A30
-
-
I/O
PMID22
-
-
G26
-
-
I/O
PMID21
-
-
E29
-
-
I/O
PMID20
-
-
H26
-
-
I/O
PMID19
-
-
E28
-
-
I/O
PMID18
-
-
E25
-
-
I/O
PMID17
-
-
Table 86. 1156 fpBGA Pin Table (Continued)
F1156
Ball
VDDIO
Bank
VREF Group
I/O
Pin Description
Additional
Function
F1156 Pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com