Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 21 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 21 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 17Page - Microchip Technology SIO1007 Datasheet HTML 18Page - Microchip Technology SIO1007 Datasheet HTML 19Page - Microchip Technology SIO1007 Datasheet HTML 20Page - Microchip Technology SIO1007 Datasheet HTML 21Page - Microchip Technology SIO1007 Datasheet HTML 22Page - Microchip Technology SIO1007 Datasheet HTML 23Page - Microchip Technology SIO1007 Datasheet HTML 24Page - Microchip Technology SIO1007 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 21
SIO1007
9.0
SERIAL PORT (UART)
The SIO1007 incorporates one 8-pin 16C550A compatible UART. In addition, the SIO1007 provides an second UART
supporting a Serial Infrared Interface that complies with IrDA v1.2 (Fast IR), HPSIR, and ASKIR formats (used by Sharp
and other PDAs), as well as Consumer IR. See Section 10.0, for description of Infrared Interface.
The SIO1007 incorporates two full function UARTs. They are compatible with the 16450, the 16450 ACE registers and
the 16C550A. The UARTS perform serial-to-parallel conversion on received characters and parallel-to-serial conversion
on transmit characters. The data rates are independently programmable from 460.8K baud down to 50 baud. The char-
acter options are programmable for 1 start; 1, 1.5 or 2 stop bits; even, odd, sticky or no parity; and prioritized interrupts.
The UARTs each contain a programmable baud rate generator that is capable of dividing the input clock or crystal by a
number from 1 to 65535. The UARTs are also capable of supporting the MIDI data rate. Refer to the Configuration Reg-
isters for information on disabling, power down and changing the base address of the UARTs. The interrupt from a UART
is enabled by programming OUT2 of that UART to a logic "1". OUT2 being a logic "0" disables that UART's interrupt.
The second UART also supports IrDA 1.2 (4Mbps), HP-SIR, ASK-IR and Consumer IR infrared modes of operation.
9.1
Register Description
Addressing of the accessible registers of the Serial Port is shown below. The base addresses of the serial ports are
defined by the configuration registers (see Configuration section). The Serial Port registers are located at sequentially
increasing addresses above these base addresses. The SIO1007 contains two serial ports, each of which contain a
register set as described below.
Note 9-1
DLAB is Bit 7 of the Line Control Register
The following section describes the operation of the registers.
9.1.1
RECEIVE BUFFER REGISTER (RB)
Address Offset = 0H, DLAB = 0, READ ONLY
This register holds the received incoming data byte. Bit 0 is the least significant bit, which is transmitted and received
first. Received data is double buffered; this uses an additional shift register to receive the serial data stream and convert
it to a parallel 8 bit word which is transferred to the Receive Buffer register. The shift register is not accessible.
9.1.2
TRANSMIT BUFFER REGISTER (TB)
Address Offset = 0H, DLAB = 0, WRITE ONLY
This register contains the data byte to be transmitted. The transmit buffer is double buffered, utilizing an additional shift
register (not accessible) to convert the 8 bit data word to a serial format. This shift register is loaded from the Transmit
Buffer when the transmission of the previous byte is complete.
TABLE 9-1:
ADDRESSING THE SERIAL PORT
DLAB
(Note 9-1)
A2
A1
A0
Register Name
0
0
0
0
Receive Buffer (read)
0
0
0
0
Transmit Buffer (write)
0
0
0
1
Interrupt Enable (read/write)
X
0
1
0
Interrupt Identification (read)
X
0
1
0
FIFO Control (write)
X
0
1
1
Line Control (read/write)
X
1
0
0
Modem Control (read/write)
X
1
0
1
Line Status (read/write)
X
1
1
0
Modem Status (read/write)
X
1
1
1
Scratchpad (read/write)
1
0
0
0
Divisor LSB (read/write)
1
0
0
1
Divisor MSB (read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com