Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 80 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 80 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 76Page - Microchip Technology SIO1007 Datasheet HTML 77Page - Microchip Technology SIO1007 Datasheet HTML 78Page - Microchip Technology SIO1007 Datasheet HTML 79Page - Microchip Technology SIO1007 Datasheet HTML 80Page - Microchip Technology SIO1007 Datasheet HTML 81Page - Microchip Technology SIO1007 Datasheet HTML 82Page - Microchip Technology SIO1007 Datasheet HTML 83Page - Microchip Technology SIO1007 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 108 page
background image
SIO1007
DS00002020A-page 80
 2005 - 2015 Microchip Technology Inc.
18.4.50
CR33
CR33 can only be accessed in the configuration state and after the CSR has been initialized to 33H. CR33 is GPIO
Output Register and is used to select the output buffer of GP10-GP17.
18.4.51
CR34
CR34 can only be accessed in the configuration state and after the CSR has been initialized to 34H. CR34 is Alternate
Function Register 1. It is used to select the polarity IO_PME pin, and select alternate function on GP13 and GP14 pins.
TABLE 18-44: CR33
GPIO Output Type Register 1
Type: R/W
Default: 0XFF ON VTR POR
BIT NO.
BIT NAME
DESCRIPTION
0
GP10
The bits in this register are used to select the output buffer type of the
GP10-GP17 pins.
0=Push-pull
1=Open Drain
1GP11
2GP12
3GP13
4GP14
5GP15
6GP16
7GP17
TABLE 18-45: CR34
Alternate Function and IO_PME# Configuration Register
Type: R/W
Default: 0x01 on VTR POR
BIT NO.
BIT NAME
DESCRIPTION
0
IO_PME#
Buffer Select
The bits in this register are used to select the output buffer type of the
IO_PME# pin
0=Push-pull
1=Open Drain (default)
1
IO_PME# Polarity
select
This bit is used to select the polarity of the IO_PME# pin.
0=Non-Inverted
1=Inverted
Note:
Configuring this pin function with non-inverted polarity will give an
active low output signal. The output type can be either open drain
or push-pull. (See Bit 4).
2
CLKI32 Alternate
Function Select
0= The alternate function is determined by Bit[6] of this register (Bit[6] is
the GP13 Alternate Function Select bit). (default)
1=CLKI32
3
GP15 Alternate
Function Select
0=GPIO
1=CIRRX
4
GP16 Alternate
Function Select
0=GPIO
1=CIRTX
5
GP12 Alternate.
Function Select
0=GPIO
1=nIO_SMI
Note:
Selecting the nIO_SMI function with GP12 configured with non-
inverted polarity will give an active low output signal. The output
type can be programmed for open drain via CR33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com