Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 10 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 10 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 6Page - Microchip Technology SIO1007 Datasheet HTML 7Page - Microchip Technology SIO1007 Datasheet HTML 8Page - Microchip Technology SIO1007 Datasheet HTML 9Page - Microchip Technology SIO1007 Datasheet HTML 10Page - Microchip Technology SIO1007 Datasheet HTML 11Page - Microchip Technology SIO1007 Datasheet HTML 12Page - Microchip Technology SIO1007 Datasheet HTML 13Page - Microchip Technology SIO1007 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
SIO1007
DS00002020A-page 10
 2005 - 2015 Microchip Technology Inc.
58
nRI1
Active low Ring Indicator inputs for the
serial port. Handshake signal which
notifies the UART that the telephone
ring signal is detected by the modem.
The CPU can monitor the status of nRI
signal by reading bit 6 of Modem Status
Register (MSR). A nRI signal state
change from low to high after the last
MSR read will set MSR bit 2 to a 1. If
bit 3 of Interrupt Enable Register is set,
the interrupt is generated when nRI
changes state.
Note:
Bit 6 of MSR is the
complement of nRI.
IVTR
N/A
INFRARED INTERFACE (3)
50
IRRX2
IR Receive
IS
VTR
49
IRTX2
IR Transmit
O12
VCC
51
IRMODE/
IRRX3
IR mode.IR Receive 3.
O6/
IS
VTR
VTR
MISCELLANEOUS (34)
34
GP15
/CIRRX
Dedicated General Purpose
Input/Output.
Consumer IR Receiver
IS/O8/OD8/
IS
VTR
VCC
4-4
35
GP16
/CIRTX
Dedicated General Purpose
Input/Output.
Consumer IR Transmitter
IO12/OD12/
O12
VTR
VCC
4-4
4-5
27,28,3
4,35,36,
38,39,4
9,41,43,
44,46,6
1
GP10,GP11
GP15-GP17
GP30-GP37
Dedicated General Purpose
Input/Output.
IO8/OD8
VTR
VCC
4-4
30
GP12/
nIO_SMI
General Purpose Input/Output.
Active low System Management
Interrupt Output.
I(I/O12/OD12
)
/(O12/OD12
VTR,
VCC
4-4
32
GP13/
IRQIN1/
CLKI32
General Purpose Input/Output.
External Interrupt Input. Steerable onto
one of the 15 Serial IRQs.
32kHz suspend clock input.
(IS/O8/OD8)/
IS
IS
VTR
VCC
4-4
33
GP14/
IRQIN2
General Purpose Input/Output.
External Interrupt Input. Steerable onto
one of the 15 Serial IRQs.
(I/O8/OD8)/
I
VTR,
VCC
VCC
4-4
47
nIO_PME
This active low Power Management
Event signal allows this device to
request wakeup.
(O12/OD12)
VTR
Note:
The “n” as the first letter of a signal name or the “#” as the suffix of a signal name indicates an “Active Low”
signal.
TABLE 4-1:
PIN FUNCTIONS (CONTINUED)
STQFP
Pin #
Name
Description
Buffer
Name
Input
Buffer
Power
Well
Output
Buffer
Power
Well
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com