Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 87 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 87 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 83Page - Microchip Technology SIO1007 Datasheet HTML 84Page - Microchip Technology SIO1007 Datasheet HTML 85Page - Microchip Technology SIO1007 Datasheet HTML 86Page - Microchip Technology SIO1007 Datasheet HTML 87Page - Microchip Technology SIO1007 Datasheet HTML 88Page - Microchip Technology SIO1007 Datasheet HTML 89Page - Microchip Technology SIO1007 Datasheet HTML 90Page - Microchip Technology SIO1007 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 87
SIO1007
19.0
OPERATIONAL DESCRIPTION
19.1
Maximum Ratings
Operating Temperature Range ....................................................................................................................0oC to +70oC
Storage Temperature Range ..................................................................................................................... -55o to +150oC
Lead Temperature Range ........................................................................................... Refer to JEDEC Spec. J-STD-020
Positive Voltage on any pin, with respect to Ground......................................................................................... VCC+0.3V
Negative Voltage on any pin, with respect to Ground ...............................................................................................-0.3V
Maximum VCC ..........................................................................................................................................................+5.5V
19.2
DC Electrical Characteristics
(TA = 0
0C – 700C, V
CC = +3.3 V ± 10%)
Note:
• Stresses above those listed above could cause permanent damage to the device. This is a stress rating only and
functional operation of the device at any other condition above those indicated in the operation sections of this
specification is not implied.
• When powering this device from laboratory or system power supplies, it is important that the Absolute Maximum
Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on their outputs
when the AC power is switched on or off. In addition, voltage transients on the AC power line may appear on the
DC output. If this possibility exists, it is suggested that a clamp circuit be used.
Parameter
Symbol
MIN
TYP
MAX
Units
Comments
I Type Input Buffer
Low Input Level
High Input Level
VILI
VIHI
2.0
0.8
V
V
TTL Levels
IS Type Input Buffer
Low Input Level
High Input Level
Schmitt Trigger Hysteresis
VILIS
VIHIS
VHYS
2.2
100
0.8
V
V
mV
Schmitt Trigger
Schmitt Trigger
Input Leakage, I and IS Buffers
Low Input Leakage
High Input Leakage
IIL
IIH
-10
-10
+10
+10
µA
µA
VIN = 0
VIN = VCC
O6 Type Buffer
Low Output Level
High Output Level
VOL
VOH
2.4
0.4
V
V
IOL = 6mA
IOH = -3mA
IO8 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 8mA
IOH = -4mA
VIN = 0 to VCC
(Note 19-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com