Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 35 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 35 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 31Page - Microchip Technology SIO1007 Datasheet HTML 32Page - Microchip Technology SIO1007 Datasheet HTML 33Page - Microchip Technology SIO1007 Datasheet HTML 34Page - Microchip Technology SIO1007 Datasheet HTML 35Page - Microchip Technology SIO1007 Datasheet HTML 36Page - Microchip Technology SIO1007 Datasheet HTML 37Page - Microchip Technology SIO1007 Datasheet HTML 38Page - Microchip Technology SIO1007 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 35
SIO1007
Note 10-1
HPMODE is CR29, BIT 4 (see CR29 on page 75). Refer to Figure 10-1, "Infrared Interface Block
Diagram" for HPMODE implementation.
The FAST bit is used to select between the SIR mode and FIR mode receiver, regardless of the transceiver type. If FAST
= 1, the FIR mode receiver is selected; if FAST = 0, the SIR mode receiver is selected (Table 10-2).
10.2.2
IR HALF DUPLEX TURNAROUND DELAY TIME
If the Half Duplex option is chosen there is an IR Half Duplex Time-out that constrains IRCC direction mode changes.
This time-out starts as each bit is transferred and prevents direction mode changes until the time-out expires. The timer
is restarted whenever new data arrives in the current direction mode. For example, if data is loaded into the transmit
buffer while a character is being received, the transmission will not start until the last bit has been received and the time-
out expires. If the start bit of another character is received during this time-out, the timer is restarted after the new char-
acter is received. The Half Duplex Time-out is programmable from 0 to 25.5ms in 100 s increments (see CR2D on page
77).
TABLE 10-1:
FIR TRANSCEIVER MODULE-TYPE SELECT
HP Mode (Note 10-1)Function
0IR Mode
1
IRRX3
TABLE 10-2:
IR RX DATA PIN SELECTION
Control Signals
Inputs
FAST
HPMODE
RX1
RX2
0
X
RX1=RXD2
RX2=IRRX2
X
0
RX1=RXD2
RX2=IRRX2
1
1
RX1=IR Mode/IRRX3
RX2=IR Mode/IRRX3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com