Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 33 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 33 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 29Page - Microchip Technology SIO1007 Datasheet HTML 30Page - Microchip Technology SIO1007 Datasheet HTML 31Page - Microchip Technology SIO1007 Datasheet HTML 32Page - Microchip Technology SIO1007 Datasheet HTML 33Page - Microchip Technology SIO1007 Datasheet HTML 34Page - Microchip Technology SIO1007 Datasheet HTML 35Page - Microchip Technology SIO1007 Datasheet HTML 36Page - Microchip Technology SIO1007 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 33
SIO1007
9.7
Logical Device IRQ and DMA Operation
Any time the IRQ or DMA channel for a UART logical block is disabled by a register bit in that logical block, the IRQ
and/or DMA channel is disabled. This is in addition to the IRQ and DMA channel disabled by the Configuration Registers
(active bit or address not valid).
The Modem Control Register (MCR) Bit D2 (OUT2) - When OUT2 is a logic "0", the serial port interrupts disabled.
Disabling DMA Enable bit, disables DMA for UART2. Refer to the IrCC specification.
9.8
Output Pin States
The TXD1, nRTS1 & nDTR1 pin states change prior to intialization depending on VCC POR, and the state of the UART1
Power bit (bit[3] in CR02 on page 61).
TABLE 9-6:
OUTPUT PIN STATES
Power
CR02 Bit[3]
VCC POR
State of TXD1, nRTS1 & nDTR1 Pins
0 Default
Active edge
Tristate
0
After POR
Tristate
1HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com