Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 69 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 69 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 65Page - Microchip Technology SIO1007 Datasheet HTML 66Page - Microchip Technology SIO1007 Datasheet HTML 67Page - Microchip Technology SIO1007 Datasheet HTML 68Page - Microchip Technology SIO1007 Datasheet HTML 69Page - Microchip Technology SIO1007 Datasheet HTML 70Page - Microchip Technology SIO1007 Datasheet HTML 71Page - Microchip Technology SIO1007 Datasheet HTML 72Page - Microchip Technology SIO1007 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 69
SIO1007
18.4.25
CR19
CR19 can only be accessed in the configuration state and after the CSR has been initialized to 19h. CR19 is directly
connected to the SCE Register Block Three, Address 0x05 in the CIRCC2 block
.
TABLE 18-19: IRQ ENCODING
Bits [7:4]
IRQ Selected
0000
NONE
0001
IRQ_1
0010
IRQ_2
0011
IRQ_3
0100
IRQ_4
0101
IRQ_5
0110
IRQ_6
0111
IRQ_7
1000
IRQ_8
1001
IRQ_9
1010
IRQ_10
1011
IRQ_11
1100
IRQ_12
1101
IRQ_13
1110
IRQ_14
1111
IRQ_15
TABLE 18-20: DMA SELECTION
Bits [3:0]
DMA Selected
0000
RESERVED
0001
DMA1
0010
DMA2
0011
DMA3
0100
RESERVED
....
....
….
….
1110
RESERVED
1111
NONE
TABLE 18-21: CR19
CIRCC2 Software Select A
Type: R/W
Default: 0x00 on VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0-7
Software Select A
These bits are directly connected to SCE Register Block Three, Address
0x05 in the CIRCC2 block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com