Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 73 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 73 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 69Page - Microchip Technology SIO1007 Datasheet HTML 70Page - Microchip Technology SIO1007 Datasheet HTML 71Page - Microchip Technology SIO1007 Datasheet HTML 72Page - Microchip Technology SIO1007 Datasheet HTML 73Page - Microchip Technology SIO1007 Datasheet HTML 74Page - Microchip Technology SIO1007 Datasheet HTML 75Page - Microchip Technology SIO1007 Datasheet HTML 76Page - Microchip Technology SIO1007 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 73
SIO1007
The Runtime Register logical device base address is initialized using the base address bits located in two configuration
registers: CR30-low byte and CR21-high byte. The Runtime Register base address can be set to 4080 locations on 16-
byte boundaries from 0000H - FFF0H.
The Runtime Register base address bits A[3:0] are decoded as 0000b. The Runtime Register block uses full 16-bit
addressing decoding. An address matching the Runtime Register base address bits A[15:4] is decoded using the spe-
cific address bits A[3:0] to target registers in Section 17.0.
When the activate bit in CR3A-bit1 is cleared to 0, no address decoding takes place for the Runtime Register block log-
ical device.
.
18.4.33
CR22
Register CR22 is reserved. The default value of this register after power up is 00H.
18.4.34
CR23
Register CR23 is reserved. The default value of this register after power up is 00H.
18.4.35
CR24
CR24 can only be accessed in the configuration state and after the CSR has been initialized to 24H. CR24 is used to
select the base address of Serial Port 1 (UART1). The serial port can be set to 96 locations on 8-byte boundaries from
100H - 3F8H. To disable Serial Port 1, set ADR9 and ADR8 to zero. Set CR24.0 to 0 when writing the UART1 Base
Address.
Serial Port 1 Address Decoding: address bits A[15:10] must be ‘000000’ to access UART1 registers. A[2:0] are decoded
as XXXb.
TABLE 18-28: CR21
Runtime Register Base Address Register - High Byte
Type: R/W
Default: 0x00 on VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0
ADR12
Runtime Register Base Address bits for decoder.
1
ADR13
2
ADR14
3
ADR15
4
RESERVED
Reads return 0. Writes have no effect.
5
RESERVED
Reads return 0. Writes have no effect.
6
RESERVED
Reads return 0. Writes have no effect.
7
RESERVED
Reads return 0. Writes have no effect.
TABLE 18-29: CR24
UART1 Base Address Register
Type: R/W
Default: 0X00 ON VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0
Reserved
Read Only. A read returns 0.
1
ADR3
Serial Port 1 Base Address bits for decoder.
2
ADR4
3
ADR5
4
ADR6
5
ADR7
6
ADR8
7
ADR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com