Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 34 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 34 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 30Page - Microchip Technology SIO1007 Datasheet HTML 31Page - Microchip Technology SIO1007 Datasheet HTML 32Page - Microchip Technology SIO1007 Datasheet HTML 33Page - Microchip Technology SIO1007 Datasheet HTML 34Page - Microchip Technology SIO1007 Datasheet HTML 35Page - Microchip Technology SIO1007 Datasheet HTML 36Page - Microchip Technology SIO1007 Datasheet HTML 37Page - Microchip Technology SIO1007 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 108 page
background image
SIO1007
DS00002020A-page 34
 2005 - 2015 Microchip Technology Inc.
10.0
INFRARED INTERFACE
The SIO1007 contains two infrared (IR) blocks: IRCC2.0 and CIRCC2. The IRCC2.0 block is an IrDA v1.2 compliant
port and the CIRCC2.0 block is a dedicated Consumer IR port.
The SIO1007 IRCC2.0 block provides a two-way wireless communications port using infrared as the transmission
medium. The IRCC2.0 block provides the following protocols: IrDA v1.2 (SIR/FIR), ASKIR, and Consumer IR. For
detailed description of the IRCC2.0 block see IRCC 2.X Block Data Sheet (Contact Microchip, unpublished) The
IRCC2.0 block implemented in the SIO1007 has a Chip ID value of 0xF2 in SCE Register, Block 3, Address 2 and con-
tains a GP Counter, Dual IR support and a 128 byte FIFO.
The SIO1007 CIRCC2.0 block provides a wireless communications port for receiving and transmitting CIR protocols. In
particular, it has special logic to recognize and decode NEC PPM and RC5 protocols. When the 8051 and the host are
both in a sleep state, the CIR block can be configured to generate a wake event when it detects a command via one of
these protocols. For detailed description of the CIRCC2.0 block see CIRCC 2.X Block Specification Revision 0.7, dated
August 26, 2004.
10.1
CIR and FIR Overview
10.1.1
IRDA SIR/FIR AND ASKIR
IrDA SIR (v1.0) specifies asynchronous serial communication at baud rates up to 115.2Kbps. Each byte is sent serially
LSB first beginning with a zero value start bit. A zero is signaled by sending a single infrared pulse at the beginning of
the serial bit time. A one is signaled by the absence of an infrared pulse during the bit time. Please refer to Section 20.0,
"Timing Diagrams" for the parameters of these pulses and the IrDA waveforms.
IrDA FIR (v1.2) includes IrDA v1.0 SIR and additionally specifies synchronous serial communications at data rates up
to 4Mbps.
Data is transferred LSB first in packets that can be up to 2048 bits in length. IrDA v1.2 includes 576Mbps and 1.152Mbps
data rates using an encoding scheme that is similar to SIR. The 4Mbps data rate uses a pulse position modulation (PPM)
technique.
The ASKIR infrared allows asynchronous serial communication at baud rates up to 19.2Kbps. Each byte is sent serially
LSB first beginning with a zero value start bit. A zero is signaled by sending a 500KHz carrier waveform for the duration
of the serial bit time. A one is signaled by the absence of carrier during the bit time. Refer to Section 20.0, "Timing Dia-
grams" for the parameters of the ASKIR waveforms.
10.1.2
CONSUMER IR
The SIO1007 Consumer IR interface is a general-purpose Amplitude Shift Keyed encoder/decoder with programmable
carrier and bit-cell rates that can emulate many popular TV Remote encoding formats; including, 38KHz PPM, NEC
PPM and RC5. The carrier frequency is programmable from 1.6MHz to 6.25KHz. The bit-cell rate range is 100KHz to
390Hz.
10.2
IRCC2.0 Infrared Interface
The IrDA v1.0 (SIR) and ASKIR formats are driven by the ACE registers found in UART2. The UART2 registers are
described in "Serial Port (UART)" section. The base address for UART2 is programmed in CR25, the UART2 Base
Address Register (see CR25 on page 74).
The IrDA V1.2 (FIR) and Consumer IR formats are driven by the SCE registers. Descriptions of these registers can be
found in the Infrared Communications Controller Specification. The Base Address for the SCE registers is programmed
in CR2B, the SCE Base Address Register (see CR2B on page 76, CR1E on page 71). The base address may be pro-
grammed when the SCE (FIR) logical device activate bit in CR3A-bit0 is cleared to 0 and no address decoding takes
place for the SCE (FIR) logical device.
10.2.1
IRCC2.0 HARDWARE INTERFACE
The IRCC2.0 IR hardware interface is shown in FIGURE 10-1: on page 36. This interface supports two types of external
FIR transceiver modules. One uses a mode pin (IR Mode) to program the data rate, while the other has a second Rx
data pin (IRRX3). These functions are selected through CR29 as shown in Table 10-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com