Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 14 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 14 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 10Page - Microchip Technology SIO1007 Datasheet HTML 11Page - Microchip Technology SIO1007 Datasheet HTML 12Page - Microchip Technology SIO1007 Datasheet HTML 13Page - Microchip Technology SIO1007 Datasheet HTML 14Page - Microchip Technology SIO1007 Datasheet HTML 15Page - Microchip Technology SIO1007 Datasheet HTML 16Page - Microchip Technology SIO1007 Datasheet HTML 17Page - Microchip Technology SIO1007 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
SIO1007
DS00002020A-page 14
 2005 - 2015 Microchip Technology Inc.
6.0
SUPER I/O REGISTERS
The address map, shown below in Table 6-1, shows the addresses of the different blocks of the Super I/O immediately
after power up. The base addresses of the following blocks can be moved via the configuration registers: Serial Port
Com 1, Serial Port Com 2, Synchronous Communications Engine (SCE), CIRCC2, Runtime Registers, Configuration,
LPC Docking. Some addresses are used to access more than one register.
6.1
Host Processor Interface (LPC)
The host processor communicates with the SIO1007 through a series of read/write registers via the LPC interface. The
port addresses for these registers are shown in Table 6-1. Register access is accomplished through I/O cycles or DMA
transfers. All registers are 8 bits wide. Section 18.5, "Logical Device Base I/O Address and Range," on page 85 for base
address, activation and power control for each logical device.
Note 1: Refer to the configuration register descriptions for setting the base address.
2: Serial Port COM 2 block provides IR Support (FIR and CIR) but does not have standard 8 pin UART inter-
face.
3: The Runtime Register Block includes all PME, SMI, and GP data registers.
TABLE 6-1:
SUPER I/O BLOCK ADDRESSES
Address
Block Name
Notes
Base+(0-7)
Serial Port Com 1
ACE:Base1+(0-7)
SCE:Base2+(0-7)
Serial Port Com 2
SCE
IR Support
FIR and CIR
Base+(0-7)
CIRCC2
Consumer IR Support NEC PPM and
RC5
Base + (0-F)
Runtime Registers
Base + (0-1)
Configuration
Base + 0
LPC Docking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com