Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 77 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 77 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 73Page - Microchip Technology SIO1007 Datasheet HTML 74Page - Microchip Technology SIO1007 Datasheet HTML 75Page - Microchip Technology SIO1007 Datasheet HTML 76Page - Microchip Technology SIO1007 Datasheet HTML 77Page - Microchip Technology SIO1007 Datasheet HTML 78Page - Microchip Technology SIO1007 Datasheet HTML 79Page - Microchip Technology SIO1007 Datasheet HTML 80Page - Microchip Technology SIO1007 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 77
SIO1007
18.4.43
CR2C
CR2C can only be accessed in the configuration state and after the CSR has been initialized to 2CH. Bits D[3:0] of this
register are used to select the DMA for the SCE (FIR). Bits D[7:4] are Reserved. Reserved bits cannot be written and
return 0 when read. Any unselected DMA Request output (DRQ) is in tristate.
18.4.44
CR2D
CR2D can only be accessed in the configuration state and after the CSR has been initialized to 2DH. CR2D is used to
set the IR Half Duplex Turnaround Delay Time for the IR port. This value is 0 to 25.5msec in 100µsec increments.
The IRCC v2.0 block includes an 8-bit IR Half Duplex Time-out register in SCE Register Block 5, Address 1 that interacts
with configuration register CR2D. These two registers behave like the other IRCC Legacy controls where either source
uniformly updates the value of both registers when either register is explicitly written using IOW or following a device-
level POR. IRCC software resets do not affect these registers.
The IR Half Duplex Time-out is programmable from 0 to 25.5mS in 100
S increments, as follows:
IR HALF DUPLEX TIME-OUT = (CR2D) x 100
S
18.4.45
CR2E
CR2E can only be accessed in the configuration state and after the CSR has been initialized to 2EH. CR2E is directly
connected to SCE Register Block Three, Address 0x05 in the IRCC v2.0 block.
TABLE 18-37: CR2C
SCE (FIR) DMA Select Register
Type: R/W
Default: 0X0F ON VCC POR
BIT NO.
BIT NAME
DESCRIPTION
3:0
DMA Select
BIT3
BIT2
BIT1
BIT0
DMA SELECTED
0
0
0
0
RESERVED
00
01
DMA1
00
10
DMA2
00
11
DMA3
0
1
0
0
RESERVED
.
.
.
.
.
.
.
.
.
.
1
1
1
0
RESERVED
11
11
NONE
7:4
Reserved
Read Only. A read returns 0.
TABLE 18-38: CR2D
IR Half Duplex Timeout
Type: R/W
Default: 0X03 ON VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0-7
IR Half Duplex Time
Out
These bits are used to set the IR Half Duplex Turnaround Delay Time for
the IR port. This value is 0 to 25.5msec in 100µsec increments.
TABLE 18-39: CR2E
Software Select A
Type: R/W
Default: 0X00 ON VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0-7
Software Select A
These bits are directly connected to SCE Register Block Three, Address
0x05 in the IRCC v2.0 block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com