Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 66 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 66 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 62Page - Microchip Technology SIO1007 Datasheet HTML 63Page - Microchip Technology SIO1007 Datasheet HTML 64Page - Microchip Technology SIO1007 Datasheet HTML 65Page - Microchip Technology SIO1007 Datasheet HTML 66Page - Microchip Technology SIO1007 Datasheet HTML 67Page - Microchip Technology SIO1007 Datasheet HTML 68Page - Microchip Technology SIO1007 Datasheet HTML 69Page - Microchip Technology SIO1007 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 108 page
background image
SIO1007
DS00002020A-page 66
 2005 - 2015 Microchip Technology Inc.
18.4.18
CR11
CR11 can only be accessed in the configuration state and after the CSR has been initialized to 11H. CR11 is a test con-
trol register and all bits must be treated as Reserved.
18.4.19
CR12 - CR13
CR12 and CR13 are the SIO1007 Configuration Ports base address registers (Table 18-15 and Table 18-16). These
registers are used to relocate the Configuration Ports base address beyond the power-up defaults determined by the
SYSOPT[1:0] pin strap options.
CR12 contains the Configuration Ports base address bits A[7:0]. CR13 contains the Configuration Ports base address
bits A[15:8].
The Configuration Ports base address is relocatable on even-byte boundaries; i.e., A0 = ‘0’.
At power-up the Configuration Ports base address is determined by the SYSOPT[1:0] pin strap options. To relocate the
Configuration Ports base address after power-up, first write the lower address bits of the new base address to CR12
and then write the upper address bits to CR13.
4
Test 12
5
Test 13
6
Test 14
7
Test 15
Note:
All test modes are reserved for Microchip use. Activating test mode registers may produce undesired
results.
TABLE 18-14: CR11
Test 3
Type: R/W
Default: 0X00 ON VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0
Test 16
RESERVED FOR MICROCHIP USE
1
Test 17
2
Test 18
3
Test 19
4
Test 20
5
Test 21
6
Test 22
7
Test 23
Note:
Writing CR13 changes the Configuration Ports base address.
TABLE 18-13: CR10 (CONTINUED)
Test 2
Type: R/W
Default: 0X00 ON VCC POR
BIT NO.
BIT NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com