Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 18 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 18 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 14Page - Microchip Technology SIO1007 Datasheet HTML 15Page - Microchip Technology SIO1007 Datasheet HTML 16Page - Microchip Technology SIO1007 Datasheet HTML 17Page - Microchip Technology SIO1007 Datasheet HTML 18Page - Microchip Technology SIO1007 Datasheet HTML 19Page - Microchip Technology SIO1007 Datasheet HTML 20Page - Microchip Technology SIO1007 Datasheet HTML 21Page - Microchip Technology SIO1007 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 108 page
background image
SIO1007
DS00002020A-page 18
 2005 - 2015 Microchip Technology Inc.
8.0
LPC PORTSWITCH
The SIO1007 Portswitch
Interface provides a hot-switchable Docking LPC interface available to an external Super
I/O device contained within a docking station. The Docking LPC bus signals, when enabled, will be routed through low
impedance (
10), bi-directional switches contained in the SIO1007. The SIO1007 controls the enabling of the LPC
docking interface. When the SIO1007 LPC Docking interface is enabled, the SIO1007 autonomously blocks all trusted
LPC cycles while forwarding all standard LPC cycles to the LPC Docking interface.
A switchable PCICLK is available to be supplied to an external devices contained within a docking station. The SIO1007
Docking PCICLK output is a low skewed switched version of the input. which, when enabled, is routed through low
impedance (
10), bi-directional switch contained in the SIO1007. The SIO1007 controls the enabling of the Docking
PCICLK output.
A switchable 14.318MHz clock is available to external devices contained within a docking station. The SIO1007 Docking
14.318MHz clock output is a buffered version of the input. The SIO1007 controls the enabling of the Docking 14MHz
clock output.
See Figure 8-1.for an illustration of a System level docking solution using the LPC PortSwitch
Interface.
8.1
LPC PortSwitch Interface
The signals to be switched in the LPC PortSwitch interface are shown in Table 8-1. All signals except SIO_14M and
DSIO_14M are 3.3V only. SIO_14M and DSIO_14M are 5 Volt tolerant.
FIGURE 8-1:
DOCKING SOLUTION USING THE LPC PORTSWTICH
 INTERFACE
LPC Host
LPC
Peripheral
LPC
Docking
Switch
Docking
Connector
System
LPC
Master
Notebook
Ports
Dock
Ports
Notebook
Docking Station
Primary Super I/O
Docking Super I/O
Control
Register
LPC BUS
(LAD{3:0], LFRAME#,
LDRQ0#, LDRQ1#,
SERIRQ, CLKRUN#,
LRESET#)
SWITCHED
LPC BUS
(DLAD[3:0],
DLFRAME#,
DLDRQ1#,
DSERIRQ,
DCLKRUN#)
Clock
Driver
ENB
14Mhz
33MHz
Switch
14MHz
Buffer
LPC_CLK_33
SIO_14M
DLPC_CLK_33
DSIO_14M
PCICLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com