Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 51 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 51 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 47Page - Microchip Technology SIO1007 Datasheet HTML 48Page - Microchip Technology SIO1007 Datasheet HTML 49Page - Microchip Technology SIO1007 Datasheet HTML 50Page - Microchip Technology SIO1007 Datasheet HTML 51Page - Microchip Technology SIO1007 Datasheet HTML 52Page - Microchip Technology SIO1007 Datasheet HTML 53Page - Microchip Technology SIO1007 Datasheet HTML 54Page - Microchip Technology SIO1007 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 51
SIO1007
15.0
SYSTEM MANAGEMENT INTERRUPT (SMI)
The SIO1007 implements a “group” nIO_SMI output pin. The System Management Interrupt is a non-maskable interrupt
with the highest priority level used for OS transparent power management. The nSMI group interrupt output consists of
the enabled interrupts from Super I/O Device Interrupts (Serial Port 1 and 2) and many of the GPIOs pins. The
GP12/nIO_SMI pin, when selected for the nIO_SMI function, can be programmed to be active high or active low via bit
2 in the GPIO Polarity Register 1 (CR32). The nIO_SMI pin function defaults to active low. The output buffer type of the
pin can be programmed to be open-drain or push-pull via GPIO Output Type Register (CR39).
The interrupts are enabled onto the group nSMI output via the SMI Enable Registers 1 and 2. The nSMI output is then
enabled onto the nIO_SMI output pin via bit[7] in the SMI Enable Register 2. The SMI output can also be enabled onto
the serial IRQ stream (IRQ2) via Bit[6] in the SMI Enable Register 2.
15.1
SMI Registers
The SMI event bits for the GPIOs events are located in the SMI status and Enable registers 1 and 2. The polarity of the
edge used to set the status bit and generate an SMI is controlled by the GPIO Polarity Registers located in the Config-
uration section. For non-inverted polarity (default) the status bit is set on the low-to-high edge. Status bits for the GPIOs
are cleared on a write of ‘1’.
The SMI logic for the GPIO events is implemented such that the output of the status bit for each event is combined with
the corresponding enable bit in order to generate an SMI.
The SMI event bits for the super I/O devices are located in the SMI status and enable register 1 and 2. All of these status
bits are cleared at the source; these status bits are not cleared by a write of ‘1’. The SMI logic for these events is imple-
mented such that each event is directly combined with the corresponding enable bit in order to generate an SMI.
See the Runtime Registers section for the definition of the SMI status and enable registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com