Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 13 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 13 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 9Page - Microchip Technology SIO1007 Datasheet HTML 10Page - Microchip Technology SIO1007 Datasheet HTML 11Page - Microchip Technology SIO1007 Datasheet HTML 12Page - Microchip Technology SIO1007 Datasheet HTML 13Page - Microchip Technology SIO1007 Datasheet HTML 14Page - Microchip Technology SIO1007 Datasheet HTML 15Page - Microchip Technology SIO1007 Datasheet HTML 16Page - Microchip Technology SIO1007 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 13
SIO1007
The GPIOs that are used for PME wakeup inputs are GP10-GP17, GP20-GP24, GP30-GP37. These GPIOs function
as follows:
• Buffers are powered by VCC, but in the absence of VCC they are backdrive protected (they do not impose a load
on any external VTR powered circuitry). They are wakeup compatible as inputs under VTR power. These pins
have input buffers into the wakeup logic that are powered by VTR.
All GPIOs listed above are for PME wakeup as a GPIO function (or alternate function).
See the table in the GPIO section for more information.
The following list summarizes the blocks, registers and pins that are powered by VTR.
• PME interface block
• Runtime register block (includes all PME, SMI, GP data registers)
• Pins for PME Wakeup:
GPIOs (GP10-GP17, GP30-GP37)
IO_PME#
nRI1, IRRX2
5.5
Maximum Current Values
See the Operational Description section for the maximum current values.
The maximum VTR current, ITR, is given with all outputs open (not loaded), and all inputs in a fixed state (i.e., 0V or
3.3V). The total maximum current for the part is the unloaded value PLUS the maximum current sourced by the pin that
is driven by VTR. The pin that is powered by VTR (as output) is IO_PME#. This pin, if configured as a push-pull output,
will source a minimum of 6mA at 2.4V when driving.
The maximum VCC current, ICC, is given with all outputs open (not loaded), and all inputs in a fixed state (i.e., 0V or
3.3V).
5.6
Power Management Events (PME/SCI)
The SIO1007 offers support for Power Management Events (PMEs), also referred to as System Control Interrupt (SCI)
events. The terms PME and SCI are used synonymously throughout this document to refer to the indication of an event
to the chipset via the assertion of the nIO_PME output signal. See the PME Support section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com