Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 7 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 7 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 3Page - Microchip Technology SIO1007 Datasheet HTML 4Page - Microchip Technology SIO1007 Datasheet HTML 5Page - Microchip Technology SIO1007 Datasheet HTML 6Page - Microchip Technology SIO1007 Datasheet HTML 7Page - Microchip Technology SIO1007 Datasheet HTML 8Page - Microchip Technology SIO1007 Datasheet HTML 9Page - Microchip Technology SIO1007 Datasheet HTML 10Page - Microchip Technology SIO1007 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 7
SIO1007
4.0
SIGNAL DESCRIPTION
4.1
Pin Functions
TABLE 4-1:
PIN FUNCTIONS
STQFP
Pin #
Name
Description
Buffer
Name
Input
Buffer
Power
Well
Output
Buffer
Power
Well
Notes
POWER AND GROUND PINS (18)
5, 17,
31, 42,
60
VCC
+3.3 Volt Supply Voltage
48
VTR
+3.3 Volt Standby Supply Voltage
23
VBAT
Battery Voltage
8, 20,
29, 37,
45, 62
VSS
Ground
CLOCK (1)
23
SIO_14M
14.318MHz Clock Input
I
VCC
N/A
PROCESSOR/HOST LPC INTERFACE (11)
19
SER_IRQ
Serial IRQ pin used with the PCI_CLK
pin to transfer interrupts from this
device to the host.
PCI_IO
VCC
VCC
4-3
7,4,2,
64
LAD[3:0]
Active high LPC I/O used for
multiplexed command, address and
data bus.
PCI_IO
VCC
VCC
4-3
14
nLFRAME
Active low input indicates start of new
cycle and termination of broken cycle.
PCI_I
VCC
N/A
4-3
24
nLDRQ0
Active low output used for encoded
DMA/Bus Master request for the LPC
interface.
PCI_O
VCC
VCC
4-3
12
nLDRQ1
Active low signal between this device
and the LPC Host used for encoded
DMA/Bus Master request for docking
LPC Super I/O to the LPC Host.
PCI_O
VCC
VCC
4-3
22
nPCI_RESET
Active low input used as LPC Interface
Reset.
PCI_I
VCC
N/A
25
nLPCPD
Active low input Power Down signal
indicates that this device should
prepare for power to be shut-off on the
LPC interface.
PCI_I
VCC
N/A
4-1
4-3
21
PCI_CLK
PCI clock input.
PCI_ICLK
VCC
N/A
10
LPC_CLK_33
PCI clock input from clock source
dedicated to docking interface.
VCC
VCC
4-3
16
nCLKRUN
This signal is used to indicate the PCI
clock status and to request that a
stopped clock be started.
PCI_OD
VCC
VCC
4-3
DOCK INTERFACE(11)
18
DSER_IRQ
Serial IRQ pin between this device and
the Docking LPC SIO used with the
DLPC_CLK_33 pin to transfer
interrupts between this device and the
LPC Host.
VCC
VCC
4-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com