Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 12 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 12 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 8Page - Microchip Technology SIO1007 Datasheet HTML 9Page - Microchip Technology SIO1007 Datasheet HTML 10Page - Microchip Technology SIO1007 Datasheet HTML 11Page - Microchip Technology SIO1007 Datasheet HTML 12Page - Microchip Technology SIO1007 Datasheet HTML 13Page - Microchip Technology SIO1007 Datasheet HTML 14Page - Microchip Technology SIO1007 Datasheet HTML 15Page - Microchip Technology SIO1007 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
SIO1007
DS00002020A-page 12
 2005 - 2015 Microchip Technology Inc.
5.0
POWER FUNCTIONALITY
The SIO1007 has two power planes: VCC and VTR. The SIO1007 is a 3.3 Volt part. Both the VCC and VTR supply are
3.3 Volts (nominal). See the Operational Description Section and the Maximum Current Values subsection.
5.1
3.3 Volt Operation / 5 Volt Tolerance
The SIO1007 is a 3.3 Volt part. It is intended solely for 3.3V applications. Non-LPC bus pins are 5V tolerant and ChiPro-
tect.
A 5V tolerant pin input voltage is 5.5V max, and the I/O buffer output pads are backdrive protected.
ChiProtect
pins can be connected to a powered up external input or output device when the SIO1007 is unpowered. For
example, this includes an external device outputting a high to an unpowered pin if the voltage does not exceed the Max-
imum Ratings, Positive Voltage on any pin, with respect to Ground parameter (+5.5V).
See Table 4-1 and the associated Note 4-4 to identify the non-5V tolerant pins.
5.2
VTR Support
The SIO1007 requires a trickle supply (VTR) to provide sleep current for the programmable wake-up events in the PME
interface when VCC is removed. If the SIO1007 is not intended to provide wake-up capabilities on standby current, VTR
can be connected to VCC. The VTR pin generates a VTR Power-on-Reset signal to initialize these components.
5.3
Internal PWRGOOD
An internal PWRGOOD logical control is included to minimize the effects of pin-state uncertainty in the host interface as
VCC cycles on and off. When the internal PWRGOOD signal is “1” (active), VCC > 2.3V (nominal), and the SIO1007 host
interface is active. When the internal PWRGOOD signal is “0” (inactive), VCC  2.3V (nominal), and the SIO1007 host
interface is inactive; that is, LPC bus reads and writes will not be decoded.
The SIO1007 device pins IO_PME#, nRI1, IRRX2, IRTX2, IRMODE/IRRX3 and all GPIOs (as input) are part of the PME
interface and remain active when the internal PWRGOOD signal has gone inactive, provided VTR is powered. See
Trickle Power Functionality section.
5.4
Trickle Power Functionality
When the SIO1007 is running under VTR only, the PME wakeup events are active and (if enabled) able to assert the
IO_PME# pin active low. The following lists the wakeup events:
• UART 1 Ring Indicator
• IR Receive (IRRX2)
• CIRCC2 block
• GPIOs for wakeup. See below.
The following requirements apply to all I/O pins that are specified to be 5 volt tolerant.
• I/O buffers that are wake-up event compatible are powered by VCC. Under VTR power (VCC=0), these pins may
only be configured as inputs. These pins have input buffers into the wakeup logic that are powered by VTR.
• I/O buffers that may be configured as either push-pull or open drain under VTR power (VCC=0), are powered by
VTR. This means they will, at a minimum, source their specified current from VTR even when VCC is present.
Note:
If VTR is to be used for programmable wake-up events when VCC is removed, VTR must be at its full mini-
mum potential at least 10
s before V
CC begins a power-on cycle. When VTR and VCC are fully powered,
the potential difference between the two supplies must not exceed 500mV.
Note:
The GP13/IRQIN1/CLKI32 pin must be connected to a 32kHz suspend clock source (i.e., available under
VTR and the CLKI32 alternate function programmed on the GP13/IRQIN1/CLKI32 pin) for the NEC PPM
and RC5 wake events to be operational.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com