Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 57 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 57 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 53Page - Microchip Technology SIO1007 Datasheet HTML 54Page - Microchip Technology SIO1007 Datasheet HTML 55Page - Microchip Technology SIO1007 Datasheet HTML 56Page - Microchip Technology SIO1007 Datasheet HTML 57Page - Microchip Technology SIO1007 Datasheet HTML 58Page - Microchip Technology SIO1007 Datasheet HTML 59Page - Microchip Technology SIO1007 Datasheet HTML 60Page - Microchip Technology SIO1007 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 57
SIO1007
18.0
CONFIGURATION
The configuration of the SIO1007 is programmed through hardware selectable Configuration Access Ports that appear
when the chip is placed into the configuration state. The SIO1007 logical device blocks, if enabled, will operate normally
in the configuration state.
18.1
Configuration Access Ports
The Configuration Access Ports are the CONFIG PORT, the INDEX PORT, and the DATA PORT (Table 18-2). The base
address of these registers is controlled by the nRTS/SYSOPT0 and nDTS/SYSOPT1 pins and by the Configuration Port
Base Address registers CR12 and CR13. The configuration base address at power-up is determined by the SYSOPT
strap option. The SYSOPT strap option is latched state of the nRTS/SYSOPT0 and nDTS/SYSOPT1 pins at the deas-
serting edge of PCIRST#. The nRTS/SYSOPT0 pin determines the lower byte of the Base Address and the nDTS/SYS-
OPT1 pin determines the upper byte of the Base Address. See Table 18-1 Default Configuration Access Ports Base
Address Decoded from the SYSOPT Strap Option.
APPLICATION NOTE: The nRTS1/SYSOPT0 and the nDTS1/SYSOPT1 pins require external pullup/pull-down
resistors to set the default base I/O address for configuration to 0x002E, 0x004E, 0x162E,
or 0x164E.
Note 18-1
The INDEX and DATA ports are active only when the SIO1007 is in the configuration state.
Note 18-2
The INDEX PORT is only readable in the configuration state.
18.2
Configuration State
The configuration registers are used to select programmable chip options. The SIO1007 operates in two possible states:
the run state and the configuration state. After power up by default the chip is in the run state. To program the config-
uration registers, the configuration state must be explicitly enabled. Programming the configuration registers typically
follows this sequence:
1.
Enter the Configuration State,
2.
Program the Configuration Register(s),
3.
Exit the Configuration State.
18.2.1
ENTERING THE CONFIGURATION STATE
To enter the configuration state write the Configuration Access Key to the CONFIG PORT. The Configuration Access
Key is one byte of 55H data. The SIO1007 will automatically activate the Configuration Access Ports following this pro-
cedure.
TABLE 18-1:
DEFAULT CONFIGURATION ACCESS PORTS BASE ADDRESS DECODED FROM
THE SYSOPT STRAP OPTION
SYSOPT1
SYSOPT0
Default CONFIG Port/ Index Port Address
0
0
0x002E
0
1
0x004E
1
0
0x162E
1
1
0x164E
TABLE 18-2:
CONFIGURATION ACCESS PORTS
Port Name
Relative Address
Type
CONFIG PORT
Configuration Access Ports Base Address + 0
WRITE
INDEX PORT
Configuration Access Ports Base Address + 0
READ/WRITE
(Note 18-1, Note 18-2)
DATA PORT
Configuration Access Ports Base Address + 1
READ/WRITE
(Note 18-2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com