Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 70 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 70 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 66Page - Microchip Technology SIO1007 Datasheet HTML 67Page - Microchip Technology SIO1007 Datasheet HTML 68Page - Microchip Technology SIO1007 Datasheet HTML 69Page - Microchip Technology SIO1007 Datasheet HTML 70Page - Microchip Technology SIO1007 Datasheet HTML 71Page - Microchip Technology SIO1007 Datasheet HTML 72Page - Microchip Technology SIO1007 Datasheet HTML 73Page - Microchip Technology SIO1007 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 108 page
background image
SIO1007
DS00002020A-page 70
 2005 - 2015 Microchip Technology Inc.
18.4.26
CR1A
CR1A can only be accessed in the configuration state and after the CSR has been initialized to1Ah. CR1A is directly
connected to SCE Register Block Three, Address 0x05 in the CIRCC2 block.
18.4.27
CR1B
CR1B can only be accessed in the configuration state and after the CSR has been initialized to 1Bh. CR1B is used to
set the CIRCC2 Half Duplex Turnaround Delay Time for the CIRCC2 port. This value is 0 to 25.5msec in 100µsec incre-
ments.
The CIRCC2 block includes an 8 bit IR Half Duplex Time-out register in SCE Register Block 5, Address 1 that interacts
with configuration register CR1B. These two registers behave like the other CIRCC2 Legacy controls where either
source uniformly updates the value of both registers when either register is explicitly written using IOW or following a
device-level POR. CIRCC2 software resets do not affect these registers.
The IR Half Duplex Time-out is programmable from 0 to 25.5mS in 100
S increments, as follows:
IR HALF DUPLEX TIME-OUT = (CR1B) x 100
S
18.4.28
CR1D
CR1D can only be accessed in the configuration state and after the CSR has been initialized to 09H. CR1D is a test
control register and all bits must be treated as Reserved.
TABLE 18-22: CR1A
CIRCC2 Software Select B
Type: R/W
Default: 0x00 on VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0-7
Software Select B
These bits are directly connected to SCE Register Block Three, Address
0x06 in the CIRCC2 block.
TABLE 18-23: CR1B
CIRCC2 Half Duplex Timeout
Type: R/W
Default: 0x03 on VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0-7
IR Half Duplex Time
Out
These bits are used to set the IR Half Duplex Turnaround Delay Time for
the IR port. This value is 0 to 25.5msec in 100µsec increments.
Note:
All test modes are reserved for Microchip use. Activating test mode registers may produce undesired
results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com