Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 45 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 45 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 41Page - Microchip Technology SIO1007 Datasheet HTML 42Page - Microchip Technology SIO1007 Datasheet HTML 43Page - Microchip Technology SIO1007 Datasheet HTML 44Page - Microchip Technology SIO1007 Datasheet HTML 45Page - Microchip Technology SIO1007 Datasheet HTML 46Page - Microchip Technology SIO1007 Datasheet HTML 47Page - Microchip Technology SIO1007 Datasheet HTML 48Page - Microchip Technology SIO1007 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 45
SIO1007
13.0
PCI CLKRUN SUPPORT
13.1
Overview
The SIO1007 supports the PCI nCLKRUN signal. nCLKRUN is used to indicate the PCI clock status as well as to
request that a stopped clock be started. See Figure 13-1 for an example of a typical system implementation using
nCLKRUN.
If the SIO1007 SIRQ_CLKRUN_EN signal is disabled, it will disable the nCLKRUN support related to LDRQ# in addition
to disabling the SER_IRQ and the nCLKRUN associated with SER_IRQ.
nCLKRUN is an open drain output and an input. Refer to the PCI Mobile Design Guide Rev 1.0 for a description of the
nCLKRUN function.
13.2
nCLKRUN for Serial IRQ
The SIO1007 supports the PCI CLKRUN# signal for the Serial IRQs. If an SIO interrupt occurs while the PCI clock is
stopped, nCLKRUN is asserted before the serial interrupt signal is driven active.
See Using nCLKRUN section below for more details.
13.3
nCLKRUN for LDRQ#
CLKRUN# support is also provided in the SIO1007 for the LDRQ# signal. If a device requests DMA service while the
PCI clock is stopped, CLKRUN# is asserted to restart the PCI clock. This is required to drive the LDRQ# signal active.
See Using nCLKRUN section for more details.
13.4
Using nCLKRUN
If nCLKRUN is sampled “high”, the PCI clock is stopped or stopping. If nCLKRUN is sampled “low”, the PCI clock is
starting or started (running). If a device in the SIO1007 asserts or de-asserts an interrupt or asserts a DMA request, and
nCLKRUN is sampled “high”, the SIO1007 requests the restoration of the clock by asserting the nCLKRUN signal asyn-
chronously (Table 13-1). The SIO1007 holds nCLKRUN low until it detects two rising edges of the clock. After the sec-
ond clock edge, the SIO1007 disables the open drain driver (Figure 13-2).
The SIO1007 will not assert nCLKRUN under any conditions if SIRQ_CLKRUN_EN is inactive (“0”). The SIRQ_-
CLKRUN_EN bit is D7 in CR29.
The SIO1007 will not assert nCLKRUN if it is already driven low by the central resource; i.e., the PCI CLOCK GENER-
ATOR in Figure 13-1. The SIO1007 will not assert nCLKRUN unless the line has been deasserted for two successive
clocks; i.e., before the clock was stopped (Figure 13-2).
Note 13-1
“Change/Assertion” means either-edge change on any internal IRQs routed to the SIRQ block or
assertion of an internal DMA request by a device in SIO1007. The “assertion” detection logic runs
asynchronously to the PCI Clock and regardless of the Serial IRQ mode; i.e., “continuous” or “quiet”.
Note 13-2
The nCLKRUN signal is ‘1’ for at least two consecutive clocks before SIO1007 asserts (‘0’) it.
TABLE 13-1:
SIO1007 NCLKRUN FUNCTION
SIRQ_CLKRUN_EN
Internal Interrupts/
DMA Requests
nCLKRUN
Action
0
X
X
None
1
NO CHANGE
X
None
CHANGE/ASSERTION (Note 13-
1)
0
None
1
Assert nCLKRUN
(Note 13-2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com