Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 24 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 24 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 20Page - Microchip Technology SIO1007 Datasheet HTML 21Page - Microchip Technology SIO1007 Datasheet HTML 22Page - Microchip Technology SIO1007 Datasheet HTML 23Page - Microchip Technology SIO1007 Datasheet HTML 24Page - Microchip Technology SIO1007 Datasheet HTML 25Page - Microchip Technology SIO1007 Datasheet HTML 26Page - Microchip Technology SIO1007 Datasheet HTML 27Page - Microchip Technology SIO1007 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 108 page
background image
SIO1007
DS00002020A-page 24
 2005 - 2015 Microchip Technology Inc.
9.1.6
LINE CONTROL REGISTER (LCR)
Address Offset = 3H, DLAB = 0, READ/WRITE
This register contains the format information of the serial line. The bit definitions are:
Bits 0 and 1
These two bits specify the number of bits in each transmitted or received serial character. The encoding of bits 0 and 1
is as follows:
The Start, Stop and Parity bits are not included in the word length.
TABLE 9-2:
INTERRUPT CONTROL TABLE
FIFO
Mode
Only
Interrupt Identification
Register
Interrupt Set and Reset Functions
Bit 3
Bit 2
Bit 1
Bit 0
Priority
Level
Interrupt Type
Interrupt Source
Interrupt Reset
Control
0
0
0
1
-
None
None
-
0
1
1
0
Highest
Receiver Line
Status
Overrun Error, Parity
Error, Framing Error
or Break Interrupt
Reading the Line
Status Register
0
1
0
0
Second
Received Data
Available
Receiver Data
Available
Read Receiver
Buffer or the FIFO
drops below the
trigger level.
1
1
0
0
Second
Character
Timeout
Indication
No Characters Have
Been Removed
From or Input to the
RCVR FIFO during
the last 4 Char times
and there is at least
1 char in it during
this time
Reading the
Receiver Buffer
Register
00
1
0
Third
Transmitter
Holding Register
Empty
Transmitter Holding
Register Empty
Reading the IIR
Register (if Source of
Interrupt) or Writing
the Transmitter
Holding Register
0
0
0
0
Fourth
MODEM Status
Clear to Send or
Data Set Ready or
Ring Indicator or
Data Carrier Detect
Reading the
MODEM Status
Register
FIGURE 9-1:
SERIAL DATA
Bit 1
Bit 0
Word Length
0
0
1
1
0
1
0
1
5 Bits
6 Bits
7 Bits
8 Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com