Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1007 Datasheet(PDF) 83 Page - Microchip Technology

Part # SIO1007
Description  LPC Super I/O LPC IrDA Hot Docking Chip with UART
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SIO1007 Datasheet(HTML) 83 Page - Microchip Technology

Back Button SIO1007 Datasheet HTML 79Page - Microchip Technology SIO1007 Datasheet HTML 80Page - Microchip Technology SIO1007 Datasheet HTML 81Page - Microchip Technology SIO1007 Datasheet HTML 82Page - Microchip Technology SIO1007 Datasheet HTML 83Page - Microchip Technology SIO1007 Datasheet HTML 84Page - Microchip Technology SIO1007 Datasheet HTML 85Page - Microchip Technology SIO1007 Datasheet HTML 86Page - Microchip Technology SIO1007 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 108 page
background image
 2005 - 2015 Microchip Technology Inc.
DS00002020A-page 83
SIO1007
18.4.56
CR39
CR39 can only be accessed in the configuration state and after the CSR has been initialized to 39H. CR39 is GPIO
Output Register and is used to select the output buffer of GP30-GP37pins.
18.4.57
CR3A
CR3A can only be accessed in the configuration state and after the CSR has been initialized to 3AH.
5GP15
6GP16
7GP17
TABLE 18-50: CR39
GPIO Output Register 3
Type: R/W
Default: 0XFF ON VTR POR
BIT NO.
BIT NAME
DESCRIPTION
0
GP30
The bits in this register are used to select the output buffer type of the
GP30-GP37 pins.
0=Push-pull
1=Open Drain
1GP31
2GP32
3GP33
4GP34
5GP35
6GP36
7GP37
TABLE 18-51: CR3A
Logical Device Activate Register
Type: R/W
Default: 0x00 on VCC POR
BIT NO.
BIT NAME
DESCRIPTION
0
SCE(FIR)
0 = Disables the host access to SCE (FIR) logical device (default).
1 = Enables the host access to SCE (FIR) logical device’s I/O runtime
register space for the IRCC2.0 block. The I/O address is selected by the
SCE(FIR) Base Address Registers.
1
Runtime Register
0 = Disables the host access to Runtime Register logical device (default).
1 = Enables the host access to Runtime Register logical device’s I/O
register space for the Runtime Register block. The I/O address is selected
by the Runtime Register Base Address Registers.
2
CIRCC2
0 = Disables the host access to CIRCC2 logical device (default).
1 = Enables the host access to CIRCC2 logical device’s I/O runtime
register space for the CIRCC2 block. The I/O address is selected by the
CIRCC2 Base Address Registers.
TABLE 18-49: CR38 (CONTINUED)
GPIO Pullup Register 1
Type: R/W
Default: 0XFF ON VTR POR
BIT NO.
BIT NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com